Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1491-09 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1491-09
Description  AMD Geode GX2 Clock Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1491-09 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1491-09 Datasheet HTML 1Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 2Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 3Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 4Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 5Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 6Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 7Page - Integrated Circuit Systems MK1491-09 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMD Geode™ GX2 Clock Source
MDS 1491-09 G
2
Revision 080204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1491-09
Pin Assignment
PCI Frequency Select Table
EMI Control
Spread direction is DOWN.
Pin Descriptions
KEY: I = Input, TI = Tri-level, O = Output, P = Power supply connection, (T)I/O = Input on power up,
becomes an Output after 10 ms, Weak internal pull-up resistors are present on TS#, Spread#, PD#, and
Sel66/33.
18
7
17
8
16
9
15
GND
10
VDD
11
LCLK2/33M
12
GND
13
Sel66/33#
14
GND
VDD
PCICLK0/33-66M
VDD
PD#
GND
48M
66M
22
21
20
19
48M/TS#
GND
5
6
LCLK0/33M
LCLK1/33M
24
23
3
4
XO
VDD
VDD
26
25
RefCLK1
1
2
GND
XI
RefCLK0/Spread#
28
27
VDD
PCICLK1/33-66M
PCICLK2/33-66M
PCICLK3/33-66M
Sel66/33#
PCI Frequency
033 MHz
166 MHz
Spread#
PCI Low EMI
0ON
1OFF
Pin
Number
Pin
Name
Pin
Type
Pin Description
1, 7, 11, 15, 21, 22
GND
P
Connect to Ground.
2
XI
I
Crystal connection. Connect to a 14.31818 MHz crystal or input clock.
3
XO
O
Crystal connection. Connect to a 14.31818 MHz crystal, or leave
unconnected.
4, 8, 12, 19, 25, 28
VDD
P
Connect to 3.3 V.
5, 6, 9
LCLK
O
33 MHz low skew clock outputs.
10
Sel66/33#
I
Selects frequency on PCICLK.
13
48M
O
48 MHz clock output.
14
48M/TS#
I/O
48 MHz clock output. TS# is high at power-up.
16
66M
O
66 MHz clock output.
17
PD#
I
Power-down input (see table on page 3).
18, 20, 23, 24
PCICLK
O
33 to 66 MHz PCI synchronous clock outputs with low skew.
26
RefCLK1
O
Buffered reference output of 14.31818 MHz.
27
RefCLK0/
Spread#
I/O
Buffered reference output of 14.31818 MHz. Spread select at
power-up. For Spread#, see table above.


Similar Part No. - MK1491-09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FILN RENESAS-MK1491-09FILN Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FILNTR RENESAS-MK1491-09FILNTR Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FLN RENESAS-MK1491-09FLN Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FLNTR RENESAS-MK1491-09FLNTR Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
More results

Similar Description - MK1491-09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
Renesas Technology Corp
MK1491-06 RENESAS-MK1491-06 Datasheet
288Kb / 13P
   AMD GEODE™ CLOCK SOURCE
060914
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
logo
AAEON Technology
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
logo
AAEON Technology
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com