Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9016 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9016
Description  SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9016 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9016 Datasheet HTML 2Page - Maxim Integrated Products MAX9016 Datasheet HTML 3Page - Maxim Integrated Products MAX9016 Datasheet HTML 4Page - Maxim Integrated Products MAX9016 Datasheet HTML 5Page - Maxim Integrated Products MAX9016 Datasheet HTML 6Page - Maxim Integrated Products MAX9016 Datasheet HTML 7Page - Maxim Integrated Products MAX9016 Datasheet HTML 8Page - Maxim Integrated Products MAX9016 Datasheet HTML 9Page - Maxim Integrated Products MAX9016 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SOT23, Dual, Precision, 1.8V, Nanopower
Comparators With/Without Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0V, CL = 15pF, VOVERDRIVE = 100mV, TA = +25°C, unless otherwise noted.)
50
1
10
100
1k
10k
100k
40
45
30
35
20
25
10
15
0
5
MAX9015/MAX9016
SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
OUTPUT TRANSITION FREQUENCY (Hz)
VCC = 3V
VCC = 1.8V
VCC = 5V
35
1
10
100
1k
10k
100k
30
20
25
15
10
0
5
MAX9017/MAX9018
SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
OUTPUT TRANSITION FREQUENCY (Hz)
VCC = 3V
VCC = 1.8V
VCC = 5V
50
1
10
100
1k
10k
100k
45
30
35
40
25
20
0
15
5
10
MAX9019/MAX9020
SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
OUTPUT TRANSITION FREQUENCY (Hz)
VCC = 3V
VCC = 1.8V
VCC = 5V
0
150
200
100
50
300
350
250
500
400
450
550
600
700
650
750
02
3
4
15
6
7
9
810
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
SINK CURRENT (mA)
VCC = 3V
VCC = 1.8V
VCC = 5V
0
100
200
400
300
500
600
0
234
15
6
7
9
810
OUTPUT VOLTAGE LOW
vs. SINK CURRENT AND TEMPERATURE
SINK CURRENT (mA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
0
0.1
0.2
0.5
0.3
0.4
0.6
0.7
0
234
15
6
7
9
810
OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
VCC = 3V
VCC = 1.8V
VCC = 5V
0
0.1
0.2
0.5
0.3
0.4
0.6
02
3
4
15
6
7
9
810
OUTPUT VOLTAGE HIGH
vs. SOURCE CURRENT AND TEMPERATURE
SOURCE CURRENT (mA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
0
5
10
30
35
25
15
20
40
-40
-15
10
35
60
85
SHORT-CIRCUIT TO VCC (SINK CURRENT)
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 3V
VCC = 1.8V
VCC = 5V
0
5
10
35
30
45
40
25
15
20
50
-40
-15
10
35
60
85
SHORT-CIRCUIT TO GND
(SOURCE CURRENT) vs.TEMPERATURE
TEMPERATURE (
°C)
VCC = 3V
VCC = 1.8V
VCC = 5V


Similar Part No. - MAX9016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9016 MAXIM-MAX9016 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9016A MAXIM-MAX9016A Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9016AEKA-T MAXIM-MAX9016AEKA-T Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9016AEKA-T MAXIM-MAX9016AEKA-T Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
More results

Similar Description - MAX9016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com