Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA20-11CGKWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # TA20-11CGKWA
Description  50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA20-11CGKWA Datasheet(HTML) 1 Page - Kingbright Corporation

  TA20-11CGKWA Datasheet HTML 1Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 2Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 3Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 4Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 5Page - Kingbright Corporation TA20-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8566
REV NO: V.2A
DATE: MAR/20/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1332001438
50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TA20-11CGKWA
Green
Features
2.0 inch matrix height.
Dot size 5mm.
Low current operation.
High contrast and light output.
Stackable horizontally.
Easy mounting on P.C. boards or sockets.
Categorized for luminous intensity.
Mechanically rugged.
Standard : gray face, white dot.
RoHS compliant.
Description
The Green source color devices are made with AlGaInP on
GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Similar Part No. - TA20-11CGKWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
TA20-11EWA ETC-TA20-11EWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TA20-11GWA ETC-TA20-11GWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

Similar Description - TA20-11CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA20-11SURKWA KINGBRIGHT-TA20-11SURKWA Datasheet
342Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SYKWA KINGBRIGHT-TA20-11SYKWA Datasheet
340Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
XMUR50C ETC1-XMUR50C Datasheet
166Kb / 3P
   50mm (2.0) 5x7 DOT MATRIX DISPLAY
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com