Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA3021F3S-100MAV Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3021F3S-100MAV
Description  3.0x2.0mm INFRARED EMITTING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021F3S-100MAV Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3021F3S-100MAV Datasheet HTML 1Page - Kingbright Corporation AA3021F3S-100MAV Datasheet HTML 2Page - Kingbright Corporation AA3021F3S-100MAV Datasheet HTML 3Page - Kingbright Corporation AA3021F3S-100MAV Datasheet HTML 4Page - Kingbright Corporation AA3021F3S-100MAV Datasheet HTML 5Page - Kingbright Corporation AA3021F3S-100MAV Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAL0850
REV NO: V.4A
DATE: JUN/06/2016
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1201006845
3.0x2.0mm INFRARED EMITTING DIODE
Part Number: AA3021F3S-100MAV
Description
F3 Made with Gallium Arsenide Infrared Emitting diodes.
Package Dimensions
Features
3.0mm x 2.0mm, 1.4mm high, only minimum space required.
Mechanically and spectrally matched to the phototransistor.
Moisture sensitivity level : level 3.
Package : 2000pcs / reel.
RoHS compliant.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA3021F3S-100MAV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA3021CGSK TO-GRACE-AA3021CGSK Datasheet
433Kb / 4P
   3.0 x 2.0 mm Surface Mount LED Lamp
logo
Kingbright Corporation
AA3021ES KINGBRIGHT-AA3021ES Datasheet
278Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA3021ES TO-GRACE-AA3021ES Datasheet
398Kb / 4P
   3.0 x 2.0 mm Surface Mount LED Lamp
AA3021LSESK-J3-TR TO-GRACE-AA3021LSESK-J3-TR Datasheet
400Kb / 4P
   3.0 x 2.0 mm Surface Mount LED Lamp
AA3021LSESK-J4-TR TO-GRACE-AA3021LSESK-J4-TR Datasheet
400Kb / 4P
   3.0 x 2.0 mm Surface Mount LED Lamp
More results

Similar Description - AA3021F3S-100MAV

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
   INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
   INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
   INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
   INFRARED EMITTING DIODE
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
   Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
   INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com