Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4288C09 Datasheet(PDF) 3 Page - GSI Technology

Part # GS4288C09
Description  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Datasheet(HTML) 3 Page - GSI Technology

  GS4288C09 Datasheet HTML 1Page - GSI Technology GS4288C09 Datasheet HTML 2Page - GSI Technology GS4288C09 Datasheet HTML 3Page - GSI Technology GS4288C09 Datasheet HTML 4Page - GSI Technology GS4288C09 Datasheet HTML 5Page - GSI Technology GS4288C09 Datasheet HTML 6Page - GSI Technology GS4288C09 Datasheet HTML 7Page - GSI Technology GS4288C09 Datasheet HTML 8Page - GSI Technology GS4288C09 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
3/62
© 2011, GSI Technology
16M x 18 Ball Assignments—144-Ball
BGA—Top View
1
2
3
4
5
6
7
8
9
10
11
12
A
VREF
VSS
VEXT
VSS
VSS
VEXT
TMS
TCK
B
VDD
DNU4
DQ4
VSS
VSS
DQ0
DNU4
VDD
C
VTT
DNU4
DQ5
VDDQ
VDDQ
DQ1
DNU4
VTT
D
A221
DNU4
DQ6
VSS
VSS
QK0
QK0
VSS
E
A211
DNU4
DQ7
VDDQ
VDDQ
DQ2
DNU4
A202
F
A5
DNU4
DQ8
VSS
VSS
DQ3
DNU4
QVLD
G
A8
A6
A7
VDD
VDD
A2
A1
A0
H
B2
A9
VSS
VSS
VSS
VSS
A4
A3
J
NF3
NF3
VDD
VDD
VDD
VDD
B0
CK
K
DK
DK
VDD
VDD
VDD
VDD
B1
CK
L
REF
CS
VSS
VSS
VSS
VSS
A14
A13
M
WE
A16
A17
VDD
VDD
A12
A11
A10
N
A18
DNU4
DQ14
VSS
VSS
DQ9
DNU4
A19
P
A15
DNU4
DQ15
VDDQ
VDDQ
DQ10
DNU4
DM
R
VSS
QK1
QK1
VSS
VSS
DQ11
DNU4
VSS
T
VTT
DNU4
DQ16
VDDQ
VDDQ
DQ12
DNU4
VTT
U
VDD
DNU4
DQ17
VSS
VSS
DQ13
DNU4
VDD
V
VREF
ZQ
VEXT
VSS
VSS
VEXT
TDO
TDI
Notes:
1. Reserved for future use. This pin may be connected to GND.
2. Reserved for future use. This pin may have parasitic characteristics of an address input signal. It may be connected to GND.
3. No function. This pin may have parasitic characteristics of a clock input signal. It may be connected to GND.
4. Do not use. This pin may have parasitic characteristics of an I/O. It may be connected to GND.


Similar Part No. - GS4288C09

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
logo
GTM CORPORATION
GS420SD GTM-GS420SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
logo
GTM CORPORATION
GS421SD GTM-GS421SD Datasheet
150Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
More results

Similar Description - GS4288C09

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS8256436GD-250I GSI-GS8256436GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Integrated Silicon Solu...
IS45S81600E ISSI-IS45S81600E Datasheet
870Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
IS42S81600E ISSI-IS42S81600E Datasheet
934Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com