Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC08-11SURKWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # SC08-11SURKWA
Description  20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC08-11SURKWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SC08-11SURKWA Datasheet HTML 1Page - Kingbright Corporation SC08-11SURKWA Datasheet HTML 2Page - Kingbright Corporation SC08-11SURKWA Datasheet HTML 3Page - Kingbright Corporation SC08-11SURKWA Datasheet HTML 4Page - Kingbright Corporation SC08-11SURKWA Datasheet HTML 5Page - Kingbright Corporation SC08-11SURKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8560
REV NO: V.2A
DATE: APR/01/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1301001576
20.32mm (0.8INCH) SINGLE DIGIT
NUMERIC DISPLAY
Part Number: SC08-11SURKWA
Hyper Red
Features
0.8 inch digit height.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. boards or sockets.
Categorized for luminous intensity.
Mechanically rugged.
Standard : gray face, white segment.
RoHS compliant.
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Similar Part No. - SC08-11SURKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC08-11SRWA KINGBRIGHT-SC08-11SRWA Datasheet
71Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11SRWA KINGBRIGHT-SC08-11SRWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11SRWA KINGBRIGHT-SC08-11SRWA_07 Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11SYKWA KINGBRIGHT-SC08-11SYKWA Datasheet
347Kb / 6P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC08-11SURKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC08-11CGKWA KINGBRIGHT-SC08-11CGKWA Datasheet
348Kb / 6P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13YWA KINGBRIGHT-SC08-13YWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-13GWA KINGBRIGHT-SC08-13GWA Datasheet
78Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-12SRWA KINGBRIGHT-SC08-12SRWA Datasheet
189Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-21EWA KINGBRIGHT-SA08-21EWA Datasheet
185Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-12SRWA KINGBRIGHT-SA08-12SRWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-11YWA KINGBRIGHT-SA08-11YWA Datasheet
187Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-11GWA KINGBRIGHT-SC08-11GWA Datasheet
110Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA Datasheet
68Kb / 3P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SA08-13SRWA KINGBRIGHT-SA08-13SRWA Datasheet
129Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
SC08-21EWA KINGBRIGHT-SC08-21EWA_07 Datasheet
184Kb / 4P
   20.32mm (0.8INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com