Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4091ASA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4091ASA
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4091ASA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4091ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 9Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 10Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 11Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
8
_______________________________________________________________________________________
Detailed Description
The single MAX4091, dual MAX4092 and quad
MAX4094 op amps combine excellent DC accuracy
with rail-to-rail operation at both input and output. With
their precision performance, wide dynamic range at low
supply voltages, and very low supply current, these op
amps are ideal for battery-operated equipment, indus-
trial, and data acquisition and control applications.
Applications Information
Rail-to-Rail Inputs and Outputs
The MAX4091/MAX4092/MAX4094’s input common-
mode range extends 50mV beyond the positive and
negative supply rails, with excellent common-mode
rejection. Beyond the specified common-mode range,
the outputs are guaranteed not to undergo phase
reversal or latchup. Therefore, the MAX4091/MAX4092/
MAX4094 can be used in applications with common-
mode signals, at or even beyond the supplies, without
the problems associated with typical op amps.
The MAX4091/MAX4092/MAX4094’s output voltage
swings to within 15mV of the supplies with a 100k
load. This rail-to-rail swing at the input and the output
substantially increases the dynamic range, especially
in low-supply-voltage applications. Figure 1 shows the
input and output waveforms for the MAX4092, config-
ured as a unity-gain noninverting buffer operating from
a single 3V supply. The input signal is 3.0VP-P, a 1kHz
sinusoid centered at 1.5V. The output amplitude is
approximately 2.98VP-P.
Input Offset Voltage
Rail-to-rail common-mode swing at the input is obtained
by two complementary input stages in parallel, which
feed a folded cascaded stage. The PNP stage is active
for input voltages close to the negative rail, and the NPN
stage is active for input voltages close to the positive rail.
The offsets of the two pairs are trimmed. However,
there is some residual mismatch between them. This
mismatch results in a two-level input offset characteris-
tic, with a transition region between the levels occurring
at a common-mode voltage of approximately 1.3V
above VEE. Unlike other rail-to-rail op amps, the transi-
tion region has been widened to approximately 600mV
in order to minimize the slight degradation in CMRR
caused by this mismatch.
The input bias currents of the MAX4091/MAX4092/
MAX4094 are typically less than 20nA. The bias current
flows into the device when the NPN input stage is
active, and it flows out when the PNP input stage is
active. To reduce the offset error caused by input bias
current flowing through external source resistances,
match the effective resistance seen at each input.
Connect resistor R3 between the noninverting input and
ground when using the op amp in an inverting configu-
ration (Figure 2a); connect resistor R3 between the
noninverting input and the input signal when using the
op amp in a noninverting configuration (Figure 2b).
Select R3 to equal the parallel combination of R1 and
R2. High source resistances will degrade noise perfor-
mance, due to the the input current noise (which is mul-
tiplied by the source resistance).
Input Stage Protection Circuitry
The MAX4091/MAX4092/MAX4094 include internal pro-
tection circuitry that prevents damage to the precision
input stage from large differential input voltages. This
protection circuitry consists of back-to-back diodes
between IN+ and IN- with two 1.7k
Ω resistors in series
(Figure 3). The diodes limit the differential voltage
applied to the amplifiers’ internal circuitry to no more
than VF, where VF is the diodes’ forward-voltage drop
(about 0.7V at +25°C).
Input bias current for the ICs (±20nA) is specified for
small differential input voltages. For large differential
input voltages (exceeding VF), this protection circuitry
increases the input current at IN+ and IN-:
Output Loading and Stability
Even with their low quiescent current of less than
130µA per op amp, the MAX4091/MAX4092/MAX4094
are well suited for driving loads up to 1k
Ω while main-
taining DC accuracy. Stability while driving heavy
capacitive loads is another key advantage over compa-
rable CMOS rail-to-rail op amps.
In op amp circuits, driving large capacitive loads
increases the likelihood of oscillation. This is especially
true for circuits with high-loop gains, such as a unity-
gain voltage follower. The output impedance and a
capacitive load form an RC network that adds a pole to
the loop response and induces phase lag. If the pole
frequency is low enough—as when driving a large
capacitive load––the circuit phase margin is degraded,
leading to either an under-damped pulse response or
oscillation.
The MAX4091/MAX4092/MAX4094 can drive capacitive
loads in excess of 2000pF under certain conditions
(Figure 4). When driving capacitive loads, the greatest
potential for instability occurs when the op amp is
sourcing approximately 200µA. Even in this case, sta-
bility is maintained with up to 400pF of output capaci-
INPUT CURRENT
VV
V
k
IN
IN
F
=
−−
+−
[(
)
(
)]
.
21 7


Similar Part No. - MAX4091ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX409 MAXIM-MAX409 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090 Datasheet
729Kb / 15P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090 Datasheet
389Kb / 17P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4090 MAXIM-MAX4090 Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
More results

Similar Description - MAX4091ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com