Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6310QI Datasheet(PDF) 4 Page - Altera Corporation

Part # EN6310QI
Description  Integrated Inductor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN6310QI Datasheet(HTML) 4 Page - Altera Corporation

  EN6310QI Datasheet HTML 1Page - Altera Corporation EN6310QI Datasheet HTML 2Page - Altera Corporation EN6310QI Datasheet HTML 3Page - Altera Corporation EN6310QI Datasheet HTML 4Page - Altera Corporation EN6310QI Datasheet HTML 5Page - Altera Corporation EN6310QI Datasheet HTML 6Page - Altera Corporation EN6310QI Datasheet HTML 7Page - Altera Corporation EN6310QI Datasheet HTML 8Page - Altera Corporation EN6310QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
EN6310QI
www.altera.com/enpirion, Page 4
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond the recommended operating
conditions is not implied. Stress beyond the absolute maximum ratings may impair device life. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Voltages on : PVIN, AVIN, VOUT
-0.3
6.6
V
Voltages on: ENABLE, POK
-0.3
VIN+0.3
V
Voltages on: VFB, SS
-0.3
2.7
V
Storage Temperature Range
TSTG
-65
150
°C
Maximum Operating Junction Temperature
TJ-ABS Max
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A
260
°C
ESD Rating (based on Human Body Model)
2000
V
ESD Rating (based on CDM)
500
V
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.7
5.5
V
Output Voltage Range
VOUT
0.60
3.3
V
Output Current
IOUT
1
A
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Shutdown
TSD
140
°C
Thermal Shutdown Hysteresis
TSDH
20
°C
Thermal Resistance: Junction to Ambient (0 LFM) (Note 1)
θ
JA
60
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θ
JC
3
°C/W
Note 1: Based on 2oz. external copper layers and proper thermal design in line with EIJ/JEDEC JESD51-7 standard for
high thermal conductivity boards.
09644
June 22, 2016
Rev E


Similar Part No. - EN6310QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6310QA ALTERA-EN6310QA Datasheet
2Mb / 23P
   Integrated Inductor
More results

Similar Description - EN6310QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
EN5312QI ALTERA-EN5312QI Datasheet
990Kb / 16P
   Integrated Inductor
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
   Integrated Inductor
EN63A0QI ALTERA-EN63A0QI Datasheet
2Mb / 25P
   Integrated Inductor
EN6337QA ALTERA-EN6337QA Datasheet
1Mb / 23P
   Integrated Inductor
EP5348UI ALTERA-EP5348UI Datasheet
822Kb / 12P
   Integrated Inductor
EP5358LUA ALTERA-EP5358LUA Datasheet
1Mb / 21P
   Integrated Inductor
EN6360QA ALTERA-EN6360QA Datasheet
1Mb / 24P
   Integrated Inductor
EN63A0QA ALTERA-EN63A0QA Datasheet
1Mb / 25P
   Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com