Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AF031AL55B1T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68AF031AL55B1T
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55B1T Datasheet(HTML) 5 Page - STMicroelectronics

  M68AF031AL55B1T Datasheet HTML 1Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 2Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 3Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 4Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 5Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 6Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 7Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 8Page - STMicroelectronics M68AF031AL55B1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
M68AF031A
Figure 3. SO Connections
Figure 4. DIP Connections
Figure 5. TSOP Connections (Normal)
Figure 6. TSOP Connections (Reverse)
VSS
A12
DQ0
DQ1
DQ2
A13
A14
A0
DQ4
E
DQ7
G
DQ6
DQ5
DQ3
A3
W
A6
A11
A5
VCC
A8
AI05921C
M68AF031A
8
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
A9
A10
22
21
20
19
18
17
A1
A2
1
A7
A4
AI05922C
M68AF031A
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
A0
DQ4
E
DQ7
G
DQ6
DQ5
DQ3
A3
W
VCC
A1
A2
A4
VSS
A12
DQ0
DQ1
DQ2
A13
A14
A6
A11
A5
A8
A9
A10
A7
E
A14
A10
G
A12
A3
A13
A2
A1
DQ6
A4
A11
A0
DQ7
DQ4
DQ0
DQ1
DQ3
VSS
DQ5
A6
A5
A7
A9
W
VCC
A8
AI07200C
M68AF031A
(Normal)
1
7
28
22
21
15
14
8
DQ2
E
DQ7
A1
GA0
A8
A13
A9
A10
DQ0
A7
A11
A12
A14
DQ2
DQ6
DQ5
DQ3
VSS
DQ1
A6
A5
A4
A2
W
VCC
A3
AI07201C
M68AF031A
(Reverse)
1
7
28
22
21
15
14
8
DQ4


Similar Part No. - M68AF031AL55B1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
M68AF127BB STMICROELECTRONICS-M68AF127BB Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
M68AF127BL55B1 STMICROELECTRONICS-M68AF127BL55B1 Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
M68AF127BL55B1T STMICROELECTRONICS-M68AF127BL55B1T Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
M68AF127BL55B6 STMICROELECTRONICS-M68AF127BL55B6 Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
More results

Similar Description - M68AF031AL55B1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
   256 Kbit (32K x8) 3.0V Asynchronous SRAM
October 2002
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com