Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5312QI Datasheet(PDF) 11 Page - Altera Corporation

Part # EN5312QI
Description  Integrated Inductor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5312QI Datasheet(HTML) 11 Page - Altera Corporation

Back Button EN5312QI Datasheet HTML 7Page - Altera Corporation EN5312QI Datasheet HTML 8Page - Altera Corporation EN5312QI Datasheet HTML 9Page - Altera Corporation EN5312QI Datasheet HTML 10Page - Altera Corporation EN5312QI Datasheet HTML 11Page - Altera Corporation EN5312QI Datasheet HTML 12Page - Altera Corporation EN5312QI Datasheet HTML 13Page - Altera Corporation EN5312QI Datasheet HTML 14Page - Altera Corporation EN5312QI Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EN5312QI
11
www.altera.com/enpirion
LAYOUT CONSIDERATIONS*
*Optimized PCB Layout file downloadable from the Altera website to assure first pass design success.
Recommendation 1: Input and output filter capacitors should be placed on the same side of the
PCB, and as close to the EN5312QI package as possible. They should be connected to the device
with very short and wide traces. Do not use thermal reliefs or spokes when connecting the capacitor
pads to the respective nodes. The +V and GND traces between the capacitors and the EN5312QI
should be as close to each other as possible so that the gap between the two nodes is minimized,
even under the capacitors.
Recommendation 2: DO NOT connect GND pins 3 and 4 together. Pin 3 should be used for the
Input capacitor local ground and pin 4 should be used for the output capacitor ground. The ground
pad for the input and output filter capacitors should be isolated ground islands and should be
connected to system ground as indicated in recommendation 3 and recommendation 5.
Recommendation 3: Multiple small vias (0.25mm after copper plating) should be used to connect
ground terminals of the Input capacitor and the output capacitor to the system ground plane. This
provides a low inductance path for the high-frequency AC currents; thereby reducing ripple and
suppressing EMI (see Fig. 6, Fig. 7, and Fig. 8).
Recommendation 4: The large thermal pad underneath the component must be connected to the
system ground plane through as many thermal vias as possible. The vias should use 0.33mm drill
size with minimum one ounce copper plating (0.035mm plating thickness). This provides the path for
heat dissipation from the converter.
Recommendation 5: The system ground plane referred to in recommendations 3 and 4 should be
the first layer immediately below the surface layer (PCB layer 2).
This ground plane should be
continuous and un-interrupted below the converter and the input and output capacitors that carry
large AC currents.
If it is not possible to make PCB layer 2 a continuous ground plane, an
uninterrupted ground “island” should be created on PCB layer 2 immediately underneath the
EN5312QI and its input and output capacitors. The vias that connect the input and output capacitor
grounds, and the thermal pad to the ground island, should continue through to the PCB GND layer as
well.
Recommendation 6: As with any switch-mode DC/DC converter, do not run sensitive signal or
control lines underneath the converter package.
Recommendation 7: The VOUT sense point should be just after the last output filter capacitor next
to the device. Keep the sense trace short in order to avoid noise coupling into the node.
Recommendation 8: Keep Ra, Ca, and Rb close to the VFB pin (see Figures 4 and 5). The VFB pin
is a high-impedance, sensitive node. Keep the trace to this pin as short as possible. Whenever
possible, connect Rb directly to the GND pin instead of going through the GND plane.
Figure 6 shows an example schematic for the EN5312QI using the internal voltage select. In this
example, the device is set to a VOUT of 1.5V (VS2=0, VS1=1, VS0=1).
Figure 7 shows an example schematic using an external voltage divider. VS0=VS1=VS2= “1”. The
resistor values are chosen to give an output voltage of 2.6V.
04535
December 14, 2015
Rev E


Similar Part No. - EN5312QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
More results

Similar Description - EN5312QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
   Integrated Inductor
EN63A0QI ALTERA-EN63A0QI Datasheet
2Mb / 25P
   Integrated Inductor
EN6337QA ALTERA-EN6337QA Datasheet
1Mb / 23P
   Integrated Inductor
EP5348UI ALTERA-EP5348UI Datasheet
822Kb / 12P
   Integrated Inductor
EP5358LUA ALTERA-EP5358LUA Datasheet
1Mb / 21P
   Integrated Inductor
EN6310QI ALTERA-EN6310QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6360QA ALTERA-EN6360QA Datasheet
1Mb / 24P
   Integrated Inductor
EN63A0QA ALTERA-EN63A0QA Datasheet
1Mb / 25P
   Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com