Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6312 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6312
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6312 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6312 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6312 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2N6312
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -50mA; IB= 0
-40
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -1.5A; IB= -0.15A
-0.7
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
-2.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -5A; IB= -1.25A
-4.0
V
VBE(on)
Base-Emitter On Voltage
IC= -1.5A ; VCE= -2V
-1.4
V
ICEO
Collector Cutoff Current
VCE= -30V; IB= 0
-1.0
mA
ICBO
Collector Cutoff Current
VCB= -40V; IE= 0
-50
μ
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.5
mA
hFE-1
DC Current Gain
IC= -0.5A ; VCE= -2V
40
hFE-2
DC Current Gain
IC= -1.5A ; VCE= -2V
25
100
hFE-3
DC Current Gain
IC= -3A ; VCE= -2V
10
hFE-4
DC Current Gain
IC= -5A ; VCE= -4V
4
fT
Current-Gain—Bandwidth Product
IC= -0.5A; VCE= -10V, ftest= 1MHz
4
MHz
COB
Output Capacitance
IE= 0;VCB= -10V; ftest= 0.1MHz
300
pF


Similar Part No. - 2N6312

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6312 BOCA-2N6312 Datasheet
196Kb / 4P
   COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N6312 CENTRAL-2N6312 Datasheet
51Kb / 1P
   Power Transistors
logo
Savantic, Inc.
2N6312 SAVANTIC-2N6312 Datasheet
116Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N6312 SEME-LAB-2N6312 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
logo
Savantic, Inc.
2N6312 SAVANTIC-2N6312 Datasheet
117Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2N6312

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com