Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257CS8-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4257CS8-1
Description  Power over Ethernet Interface Controller with Dual Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4257CS8-1 Datasheet HTML 3Page - Linear Technology LTC4257CS8-1 Datasheet HTML 4Page - Linear Technology LTC4257CS8-1 Datasheet HTML 5Page - Linear Technology LTC4257CS8-1 Datasheet HTML 6Page - Linear Technology LTC4257CS8-1 Datasheet HTML 7Page - Linear Technology LTC4257CS8-1 Datasheet HTML 8Page - Linear Technology LTC4257CS8-1 Datasheet HTML 9Page - Linear Technology LTC4257CS8-1 Datasheet HTML 10Page - Linear Technology LTC4257CS8-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4257-1
7
42571fa
summarized in Table 1. These various modes satisfy the
requirements defined in the IEEE 802.3af specification.
The input voltage is applied to the VIN pin and is with
reference to the GND pin. This input voltage is always
negative. To avoid confusion, voltages in this data sheet
are always referred to in terms of absolute magnitude.
Terms such as
maximum negative voltage refer to the
largest negative voltage and a
rising negative voltage
refers to a voltage that is becoming more negative. Refer-
ences to electrical parameters in this applications section
use the nominal value. Refer to the Electrical Characteris-
tics section for the range of values a particular parameter
will have.
Table 1. LTC4257-1 Operational Mode
as a Function of Input Voltage
INPUT VOLTAGE
(VIN with RESPECT to GND)
LTC4257-1 MODE OF OPERATION
0V to – 1.4V
Inactive
– 1.5V to – 10V
25k Signature Resistor Detection
– 11V to – 12.4V
Classification Load Current Ramps up from
0% to 100%
– 12.5V to UVLO*
Classification Load Current Active
UVLO* to –57V
Power Applied to PD Load
*UVLO includes hysteresis.
Rising input threshold
≅ –36.0V
Falling input threshold
≅ –30.5V
Figure 2. PD Front End Using Diode Bridges On Main and Spare Inputs
Series Diodes
The IEEE 802.3af defined operating modes for a PD
reference the input voltage at the RJ45 connector on the
PD. However, PD circuitry must include diode bridges
between the RJ45 connector and the LTC4257-1 (Figure
2). The LTC4257-1 takes this into account by compensat-
ing for these diode drops in the threshold points for each
range of operation. Since the voltage ranges specified in
the LTC4257-1 electrical specifications are with respect to
the IC pins, for both the signature and classification
ranges, the LTC4257-1 lower end extends two diode drops
below the IEEE 802.3af specification. A similar adjustment
is made for the UVLO voltages.
Detection
During detection, the PSE will apply a voltage in the range
of –2.8V to –10V on the cable and look for a 25k signature
resistor. This identifies the device at the end of the cable
as a PD. With the terminal voltage in this range, the
LTC4257-1 connects an internal 25k resistor between GND
and the VIN pins. This precision, temperature compensated
resistor presents the proper characteristics to alert the
Power Sourcing Equipment (PSE) at the other end of the
cable that a PD is present and desires power to be applied.
APPLICATIO S I FOR ATIO
RX
6
RX +
3
TX
2
TX +
RJ45
T1
POWERED DEVICE (PD)
INTERFACE
AS DEFINED
BY IEEE 802.3af
42571 F02
1
7
8
5
4
SPARE
SPARE+
TO PHY
BR2
BR1
GND
8
4
D3
LTC4257-1
VIN


Similar Part No. - LTC4257CS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257CS8 LINER-LTC4257CS8 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
More results

Similar Description - LTC4257CS8-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
Linear Technology
LTC4264 LINER-LTC4264 Datasheet
308Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
LTC4264 LINER-LTC4264_15 Datasheet
314Kb / 24P
   High Power PD Interface Controller with 750mA Current Limit
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com