Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91F451VNT821MU65T Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # E91F451VNT821MU65T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E91F451VNT821MU65T Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

Back Button E91F451VNT821MU65T Datasheet HTML 2Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 3Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 4Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 5Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 6Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 7Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 8Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 9Page - United Chemi-Con, Inc. E91F451VNT821MU65T Datasheet HTML 10Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6
U91F Series
Engineering Bulletin Aug 2013
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.
Snap Mount
Straight Pin Mount
VSN Snap-in Ø30 and Ø35 standard
VNN Snap-in Ø30 and Ø35 optional
VNT Snap-in Ø45 and Ø50 standard
Unit: mm
Diagram of Dimensions - Snap Mount
VEN Snap-in Ø30 and Ø35 optional
D
1
L
2.5
See
Pin
Detail
10
**Vent
Insulating Disk
2-2x
PC Board Pin-out
***Brown Insulating Sleeve
Negative Mark
D
1
L
2.5
See
Pin
Detail
2-4x
30
°
**Vent
Insulating Disk
PC Board Pin-out
***Brown Insulating Sleeve
Negative Mark
A
*
22.5
C
*
B
VQT Straight Standoff Ø40, Ø45 and Ø50 optional
D
1
L
2.5
See
Pin
Detail
PC Board Pin-out
A
*
D
*
C
B
*
**Vent
Insulating Disk
2- 5x
25
360
°
6
***Brown Insulating Sleeve
Negative Mark
VS, VE & VN Snap-in Pin Dimensions
VQ Standoff Pin Dimensions
Type
Standoff Pin (VQ)
P
3.75 1.0
P1
2.0 max.
W1
0.7
0.2
W
1.5
0.1
W2
W1
W
P
Edge
of can
P1
W
P
W1
Edge
of can
VND Snap-in Ø35 and Ø40 standard; Ø45 optional
VSD Snap-in Ø35 and Ø40 optional
Type
VSN Ø30
VSN Ø35
VNN Ø30 - Ø35
VEN Ø30 - Ø35
VSD Ø35 - Ø40
VND Ø35 - Ø45
VNT Ø45 - Ø50
P
4.0
0.5
3.5
0.5
5.8
1.0
4.0
0.5
3.5
1.0
5.8
1.0
5.8
1.0
W2
0.8
0.1
W1
0.8
0.1
W
1.5
0.2
D
1
L
2.5
See
Pin
Detail
10
2-2x
3.3
0.1
4.75
0.1
2.5 MIN.-1x
**Vent
Insulating Disk
PC Board Pin-out
***Brown Insulating Sleeve
Negative Mark
D
1
L
2.5
See
Pin
Detail
PC Board Pin-out
***Brown Insulating Sleeve
Negative Mark
C
B
*
25
360
°
6
A
**Vent
Insulating Disk
D
2-5x
CAUTION:
* Use the blank terminals for mechanical support only. The
blank terminals must not be connected to a solder trace on
the PC board but be electrically isolated from the negative
and positive terminals.
** The vent may be located either on the bottom or side of
the can.
*** The brown sleeve with gray stripe negative pin indicator
is standard. Also note in some cases, the sleeve color may
change slightly due to the operating conditions, however,
the discoloration will not impair capacitor function.


Similar Part No. - E91F451VNT821MU65T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E91F451VNT821MU65T CHEMI-CON-E91F451VNT821MU65T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E91F451VNT821MU65T CHEMI-CON-E91F451VNT821MU65T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E91F451VNT821MU65T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VND CHEMI-CON-E92L451VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com