Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91F451VNT152MUA5T Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # E91F451VNT152MUA5T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E91F451VNT152MUA5T Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

Back Button E91F451VNT152MUA5T Datasheet HTML 3Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 4Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 5Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 6Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 7Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 8Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 9Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 10Page - United Chemi-Con, Inc. E91F451VNT152MUA5T Datasheet HTML 11Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7
U91F Series
Engineering Bulletin Aug 2013
Supplement Code. Field 18.
All construction options listed have Sn100% terminal plating.
T = Pb-free PVC sleeve with end disk.
M = Pb-free PVC sleeve without end disk.
W = PET sleeve with end disk.
S = PET sleeve without end disk.
Case Size. Fields 15, 16 and 17.
The single letter diameter code is inserted in field 15.
R= Ø30mm
A= Ø35mm
B= Ø40mm
U= Ø45mm
C= Ø50mm
The double digit length code is inserted in fields 16 and 17.
40 = 40mm
50 = 50mm
65 = 65mm
80 = 80mm
A0 = 100mm
A5 = 105mm
Capacitance Tolerance. Field 14.
M=
20%
Capacitance. Fields 11, 12 and 13.
Expressed in Microfarads. The first two digits are significant
figures inserted in fields 11 and 12, and the third digit inserted
in field 13 indicates the number of zeros for capacitance of
10 F or more. R indicates the decimal point for capacitance
less than 10 F (e.g. 4R7 = 4.7 F; 470 = 47 F; 471 = 470 F;
472 = 4,700 F; 473 = 47,000 F).
Dummy Terminals. Field 10.
N = No dummy terminals.
D = 2 dummy terminals.
T = 3 dummy terminals.
Terminal Type. Fields 8 and 9.
VS = Snap-in pins, 4.0mm in length (Ø30 VSN);
3.5mm in length (Ø35 VSN, Ø35 or Ø40 VSD).
VN = Snap-in pins, 5.8mm in length.
VE = Snap-in pins, polarized, Ø30 or Ø35 option.
VQ = Straight standoff pins.
DC Rated Voltage. Fields 5, 6 and 7.
Expressed in Volts. The first two digits are significant figures
inserted in fields 5 and 6, and the third digit inserted in field 7
indicates the number of zeros for rated voltage of 10VDC or
more. R indicates the decimal point for rated voltage less than
10VDC (e.g. 4R0 = 4.0VDC; 400 = 40VDC; 401 = 400VDC).
Rule Exception: Coding for rated voltage 385VDC = 3J1.
Series Name. Fields 2, 3 and 4.
Enter the 3-letter/digit series name in fields 2, 3 and 4. If the
series name is only 2 letters/digits, place a dash in field 4.
For a series name with more than 3 letters/digits, refer to the
individual series for the appropriate 3-field series name.
Capacitor Type. Field 1.
Aluminum Electrolytic Capacitor (Polar).
Part Numbering System for U91F Series When ordering, always specify complete 18-field global part number.
E 9 1F 4 01 VS N 471 M A 50 T
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
18
9
8
7
6
5
4
3
2
1
18 Fields
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.


Similar Part No. - E91F451VNT152MUA5T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E91F451VNT152MUA5T CHEMI-CON-E91F451VNT152MUA5T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E91F451VNT152MUA5T CHEMI-CON-E91F451VNT152MUA5T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E91F451VNT152MUA5T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com