Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91F451VND122MBA0T Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # E91F451VND122MBA0T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E91F451VND122MBA0T Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  E91F451VND122MBA0T Datasheet HTML 1Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 2Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 3Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 4Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 5Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 6Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 7Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 8Page - United Chemi-Con, Inc. E91F451VND122MBA0T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Table of Contents
In the construction of the components described, the full intent of the specification will be met. United Chemi-Con, however, reserves the right to make, from
time to time, such departures from the detail specifications as may be required to permit improvements in the design of its products. Components made under
military approvals will be in accordance with the approval requirements. The information included herein is believed to be accurate and reliable. However, United
Chemi-Con assumes no responsibility for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3
Features
U91F
U92F
U92L
U92X
4
11
18
25
Snap
Mount
Snap
Mount
Snap
Mount
Snap
Mount
Specific High Ripple Design,
High Temperature, Long Life,
Pin Options
Specific High Ripple Design,
Long Life, Pin Options
Specific High Ripple Design,
Longer Life, Pin Options
Specific High Ripple Design,
Longest Life, Pin Options
25 C ~ 105 C
25 C ~ 85 C
25 C ~ 85 C
25 C ~ 85 C
350~500
350~500
350~500
350~500
120~2,700
180~3,300
150~3,300
150~3,300
5,000
10,000
15,000
5,000
Series
Page
No.
Terminal
Type
Temperature
Range
( C)
Voltage
Range
(V)
Capacitance
Range
(µF )
RoHS
Compliant
Endurance
(Hrs.
R*)
* R = With rated ripple current applied.
Specifications Guide for U91/U92 High Ripple Snap Mount Capacitors
at
85 Cat
105 C
Welcome to United Chemi-Con...
United Chemi-Con is introducing four new snap mount aluminum electrolytic capacitor series specifically designed for
higher ripple current capability. These new series include the U91F, U92F, U92L and U92X which also feature very long life,
wide temperature range, high voltage ratings and a variety of case sizes and terminal styles.
The U91F series is a high temperature series with a lifetime rating of 5,000 hours at
105 C. The three U92 series offer a
lifetime rating of 5,000 hours for U92F, 10,000 hours for U92L or 15,000 hours for U92X at
85 C. The rated lifetime for all
these series is measured with the rated ripple current applied.
All the U91/U92 series capacitors are RoHS compliant and are manufactured with or without an end disk in either a
standard Pb-free PVC sleeve or optional PET sleeve. There are two basic types of PC board terminals, snap-in or straight
standoffs. All of the new snap-in series offer 2, 3, 4 or 5 -pin layouts as either standard or optional configurations depending
on case size. Straight standoff terminals, 5 -pin configuration, are available as an option for the larger case diameters.
Please contact United Chemi-Con with any questions about these new snap mount capacitors. Custom designs are also
available upon request.


Similar Part No. - E91F451VND122MBA0T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E91F451VND122MBA0T CHEMI-CON-E91F451VND122MBA0T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E91F451VND122MBA0T CHEMI-CON-E91F451VND122MBA0T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E91F451VND122MBA0T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com