Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91F451VSN331MR65T Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # E91F451VSN331MR65T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E91F451VSN331MR65T Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  E91F451VSN331MR65T Datasheet HTML 1Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 2Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 3Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 4Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 5Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 6Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 7Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 8Page - United Chemi-Con, Inc. E91F451VSN331MR65T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
4
U91F Series
The U91F series is a high temperature snap-in series specifically designed for higher ripple current
capability. The U91F capacitors have an endurance rating of 5,000 hours at
105 C with the rated
ripple current applied. All the U91F series capacitors are RoHS compliant and available in a variety
of sizes, with or without an end disk, and encased in a standard Pb-free PVC sleeve or an optional
PET sleeve. Snap-in terminals (2, 4 or 5 -pin configurations) are available as standard or optional
styles depending on case size. Straight standoff terminals (5 -pin configuration) are an option for the
40, 45 and 50mm can diameters.
Snap Mount
Specific Design
For Higher Ripple
Current
350 to 500VDC
Voltage Range
RoHS Compliant
105 C Maximum
Temperature
5,000 Hours
Lifetime at
105 C
PC board snap-in or straight standoff terminals available as standard or optional
styles depending on pin styles and case size.
Capacitance range: 120 to 2,700µF.
Voltage range: 350 to 500VDC.
Category temperature range:
25 Cto
105 C.
Leakage current: 3 CV (µA) or 3mA, whichever is smaller, after 5 minutes at
20 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 30
40mm to 50
105mm.
Rated lifetime: 5,000 hours at
105 C with the rated ripple current applied.
Summary of Specifications


Similar Part No. - E91F451VSN331MR65T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E91F451VSN331MR65T CHEMI-CON-E91F451VSN331MR65T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E91F451VSN331MR65T CHEMI-CON-E91F451VSN331MR65T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E91F451VSN331MR65T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VND CHEMI-CON-E92L451VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com