Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E91F451VSN221MR50T Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # E91F451VSN221MR50T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E91F451VSN221MR50T Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  E91F451VSN221MR50T Datasheet HTML 1Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 2Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 3Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 4Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 5Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 6Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 7Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 8Page - United Chemi-Con, Inc. E91F451VSN221MR50T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5
U91F Series
Engineering Bulletin Aug 2013
Item
Category Temperature Range
25 to 105 C
Characteristics
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.
U91F Specifications - Snap Mount
Rated Voltage Range
350 to 500VDC
Capacitance Range
120 to 2,700 F
Capacitance Tolerance
20% ( M ) at
20 C, 120Hz
Leakage Current
I
= 3 CV ( A) or 3mA, whichever is smaller, after 5 minutes at 20 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Rated Voltage ( V )
Tan
( DF ) Max.
350 - 400
0.15
420 -500
0.20
Dissipation Factor ( Tan )At
20 C, 120Hz
Rated Voltage ( V )
Z( 25 C) / Z ( 20 C)
350 -500
8
Low Temperature
Characteristics
At 120Hz, impedance ( Z ) ratio between the
25 C value and
20 C value shall not exceed
the values given below.
Rated Ripple Current Multipliers
Ambient Temperature ( C)
65 C
2.82
85 C
1.73
105 C
1.00
Frequency (Hz )
DC Rated Voltage
350 - 450V
500V
50Hz
0.77
0.70
120Hz
1.00
1.00
300Hz
1.16
1.16
1kHz
1.30
1.30
10kHz
1.41
1.41
100kHz
1.43
1.43
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
20 C after
exposing them for 1,000 hours at
105 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 150% of initial specified value
Leakage current
:
≤ initial specified value
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
20 C after
subjecting them to DC voltage for 5,000 hours at
105 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% of initial measured value
Tan
(DF)
:
≤ 200% of initial specified value
Leakage current
:
≤ initial specified value


Similar Part No. - E91F451VSN221MR50T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E91F451VSN221MR50T CHEMI-CON-E91F451VSN221MR50T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E91F451VSN221MR50T CHEMI-CON-E91F451VSN221MR50T Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E91F451VSN221MR50T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com