Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APXE6R3ARA122MJA0G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXE6R3ARA122MJA0G
Description  Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXE6R3ARA122MJA0G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXE6R3ARA122MJA0G Datasheet HTML 1Page - United Chemi-Con, Inc. APXE6R3ARA122MJA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
WV
(Vdc)
Cap
(
µF)
(m
Ωmax/20℃, 100k to 300kHz)
(mArms/105
℃, 100kHz)
Size
code
Leakage current
(
µAmax/after 2min.)
ESR
Rated ripple current
Part No.
2.5
4
6.3
10
16
◆STANDARD RATINGS
.0
180
390
470
560
560
680
820
820
1,000
1,200
1,500
1,500
2,200
2,700
100
150
270
330
390
470
560
680
1,000
1,000
1,200
1,200
1,500
1,800
1,800
100
120
220
270
330
330
390
470
820
820
820
1,200
1,500
1,500
47
56
68
120
150
220
270
330
390
470
680
33
39
68
82
100
100
120
150
180
220
220
330
E61
F61
F80
F80
H70
H70
H80
HC0
H80
J80
HA0
HC0
JA0
JC0
E61
E61
F61
F61
F80
H70
H70
H80
HA0
J80
HC0
JA0
JA0
JA0
JC0
E61
E61
F61
F80
F80
H70
H70
H80
HA0
HC0
J80
JA0
JA0
JC0
E61
E61
E61
F61
F80
H70
H70
H80
HA0
J80
JA0
E61
E61
F61
F80
F80
H70
H70
H80
HA0
HA0
J80
JA0
90
195
235
280
280
340
410
410
500
600
750
750
1,100
1,350
80
120
216
264
312
376
448
544
800
800
960
960
1,200
1,440
1,440
126
151
277
340
415
415
491
592
1,030
1,030
1,030
1,510
1,890
1,890
94
112
136
240
300
440
540
660
780
940
1,360
105
124
217
262
320
320
384
480
576
704
704
1,050
21
15
13
13
13
13
12
9
12
13
10
9
10
9
22
22
15
15
14
14
14
13
10
14
9
10
10
10
9
24
24
15
14
14
14
14
13
12
10
14
12
12
10
28
28
28
25
21
21
21
19
17
19
13
35
35
28
24
24
24
24
22
18
18
22
16
2,670
3,160
3,600
3,600
4,100
4,100
4,260
5,400
4,260
4,450
5,220
5,400
5,500
5,600
2,610
2,610
3,160
3,160
3,470
3,950
3,950
3,950
5,220
4,300
5,400
5,500
5,500
5,500
5,600
2,500
2,500
3,160
3,470
3,470
3,950
3,950
3,950
4,770
5,150
4,300
5,025
5,025
5,500
2,310
2,310
2,310
2,530
2,880
3,220
3,220
3,390
4,000
3,800
4,820
2,070
2,070
2,390
2,700
2,700
3,010
3,010
3,150
3,890
3,890
3,450
4,350
APXE2R5ARA181ME61G
APXE2R5ARA391MF61G
APXE2R5ARA471MF80G
APXE2R5ARA561MF80G
APXE2R5ARA561MH70G
APXE2R5ARA681MH70G
APXE2R5ARA821MH80G
APXE2R5ARA821MHC0G
APXE2R5ARA102MH80G
APXE2R5ARA122MJ80G
APXE2R5ARA152MHA0G
APXE2R5ARA152MHC0G
APXE2R5ARA222MJA0G
APXE2R5ARA272MJC0G
APXE4R0ARA101ME61G
APXE4R0ARA151ME61G
APXE4R0ARA271MF61G
APXE4R0ARA331MF61G
APXE4R0ARA391MF80G
APXE4R0ARA471MH70G
APXE4R0ARA561MH70G
APXE4R0ARA681MH80G
APXE4R0ARA102MHA0G
APXE4R0ARA102MJ80G
APXE4R0ARA122MHC0G
APXE4R0ARA122MJA0G
APXE4R0ARA152MJA0G
APXE4R0ARA182MJA0G
APXE4R0ARA182MJC0G
APXE6R3ARA101ME61G
APXE6R3ARA121ME61G
APXE6R3ARA221MF61G
APXE6R3ARA271MF80G
APXE6R3ARA331MF80G
APXE6R3ARA331MH70G
APXE6R3ARA391MH70G
APXE6R3ARA471MH80G
APXE6R3ARA821MHA0G
APXE6R3ARA821MHC0G
APXE6R3ARA821MJ80G
APXE6R3ARA122MJA0G
APXE6R3ARA152MJA0G
APXE6R3ARA152MJC0G
APXE100ARA470ME61G
APXE100ARA560ME61G
APXE100ARA680ME61G
APXE100ARA121MF61G
APXE100ARA151MF80G
APXE100ARA221MH70G
APXE100ARA271MH70G
APXE100ARA331MH80G
APXE100ARA391MHA0G
APXE100ARA471MJ80G
APXE100ARA681MJA0G
APXE160ARA330ME61G
APXE160ARA390ME61G
APXE160ARA680MF61G
APXE160ARA820MF80G
APXE160ARA101MF80G
APXE160ARA101MH70G
APXE160ARA121MH70G
APXE160ARA151MH80G
APXE160ARA181MHA0G
APXE160ARA221MHA0G
APXE160ARA221MJ80G
APXE160ARA331MJA0G
.0
.0
Surface Mount
CAT. No. E1001L
(2/2)


Similar Part No. - APXE6R3ARA122MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXE6R3ARA122MJA0G CHEMI-CON-APXE6R3ARA122MJA0G Datasheet
301Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXE6R3ARA122MJA0G CHEMI-CON-APXE6R3ARA122MJA0G Datasheet
301Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXE6R3ARA122MJA0G

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com