Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI108D150M___F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NLI108D150M___F
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI108D150M___F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NLI108D150M___F Datasheet HTML 1Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 2Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 3Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 4Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 5Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 6Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 7Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 8Page - NIC-Components Corp. NLI108D150M___F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__D Series
NLI Radial Power Inductors
FEATURES
• RADIAL LEADED POWER INDUCTOR
• WIRE WOUND CONSTRUCTION
• WIDE VALUE RANGE 10
μH ~ 47,000μH
• AVAILABLE WITH HIGH TEMPERATURE SLEEVE
• NINE CASE SIZES (5.2X6.5mm ~ 14.4X10.5mm)
• AVAILABLE IN BULK OR TAPE & BOX PACKAGING
TWO LEADED PARTS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Code
NLI106D
NLI108D
NLI110D
Inductance Range (
μH)
10
μH ~
1,000
μH
10
μH ~
1,000
μH
10
μH ~
1,000
μH
Ambient Operating Temperature Range
-20°C ~ +80°C
Maximum Component Temperature
(Ambient + Self-Heating)
+120°C
Temperature Rise at DCI
+40°C
Inductance Change at DCI
-10%
Inductance Tolerance
K (±10%), M (±20%)
Case Code
NLI65D
NLI66D
NLI85D
NLI87D
NLI89D
NLI114D
Inductance Range
22
μH ~
1,000
μH
22
μH ~
1,000
μH
10
μH ~
10,000
μH
10
μH ~
10,000
μH
10
μH ~
47,000
μH
6.3
μH ~
39,000
μH
Ambient Operating Temperature Range
-20°C ~ +80°C
Maximum Component Temperature
(Ambient + Self-Heating)
+120°C
Temperature Rise at DCI
+40°C
Inductance Change at DCI
-10%
Inductance Tolerance
K (±10%), M (±20%)
FOUR LEADED PARTS
NLI 66 D 220 K
TB F
RoHS Compliant
TB = Optional Packaging Tape & Box (blank for bulk packaging)*
Inductance Tolerance Code: J = ±5%, K = ±10%, M = ±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
U
U = Optional Black UL +125°C Sleeving (blank for no sleeving)
*Optional Tape & Box packaging not available for case sizes 106, 108 and 110


Similar Part No. - NLI108D150M___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI108C NIC-NLI108C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI108C100K___F NIC-NLI108C100K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI108C101K___F NIC-NLI108C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI108C102K___F NIC-NLI108C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI108C103K___F NIC-NLI108C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI108D150M___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com