Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI106D331K___F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NLI106D331K___F
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI106D331K___F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NLI106D331K___F Datasheet HTML 1Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 2Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 3Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 4Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 5Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 6Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 7Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 8Page - NIC-Components Corp. NLI106D331K___F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Series
A max.
B ± 1.0
S ± 0.5
(Bulk)
S ± 0.5
(Tape & Box)
D max.
E ± 0.05
Number of Leads
NLI65D
5.2
4.0
4.0
n/a
6.5
0.50
2
NLI66D
6.5
4.0
4.0
n/a
6.5
0.50
2
NLI85D
5.5
5.0
5.0
5.0
8.3
0.65
2
NLI87D
7.5
5.0
5.0
5.0
8.3
0.65
2
NLI89D
9.5
5.0
5.0
5.0
8.3
0.65
2
NLI114D
14.4
5.0
5.0
n/a
10.5
0.80
2
NLI106D
6.5
3.5
5.0
n/a
10.5
0.80
4
NLI108D
8.5
3.5
5.0
n/a
10.5
0.80
4
NLI110D
10.5
3.5
5.0
n/a
10.5
0.80
4
DIMENSIONS (mm)
NLI__D Series
NLI Radial Power Inductors
A
S
B
D
E
S
A
B
4.0 ±0.5
NPI106D
NPI108D (18
μH ~ 1,000μH)
NPI110D (39
μH ~ 1,000μH)
NPI65D, NPI66D
NPI85D, NPI87D, NPI89D
NPI114D
NPI108D (10
μH ~ 15μH)
NPI110D (10
μH ~ 33μH)
CIRCUIT TYPES
S
Four Leads
NPI106D
NPI108D
NPI110D
Two Leads
NPI65D
NPI66D
NPI85D
NPI87D
NPI89D
NPI114D


Similar Part No. - NLI106D331K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C101K___F NIC-NLI100C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C102K___F NIC-NLI100C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C103K___F NIC-NLI100C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI106D331K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com