Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM135B3R3MTRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIM135B3R3MTRF
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM135B3R3MTRF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPIM135B3R3MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 11Page - NIC-Components Corp. NPIM135B3R3MTRF Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 104B (see size table below)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM104BR15MTRF
0.15
0.65
40
75
100KHz
NPIM104BR22MTRF
0.22
1.0
35
60
NPIM104BR36MTRF
0.36
1.2
30
50
NPIM104BR39MTRF
0.39
1.2
31
45
NPIM104BR45MTRF
0.45
1.3
25
27
NPIM104BR47MTRF
0.47
1.68
30
40
NPIM104BR56MTRF
0.56
1.8
25
33
NPIM104BR68MTRF
0.68
2.4
23
30
NPIM104BR88MTRF
0.88
3.0
20
29
NPIM104B1R0MTRF
1.0
3.3
18
28
NPIM104B1R5MTRF
1.5
4.2
16
32
NPIM104B1R8MTRF
1.8
5
15
15
NPIM104B2R0MTRF
2.0
5.8
14
14
NPIM104B2R2MTRF
2.2
7.0
12
18
NPIM104B3R3MTRF
3.3
11.8
10
16
NPIM104B4R7MTRF
4.7
20
8.5
15
NPIM104B5R6MTRF
5.6
23
8.0
14
NPIM104B6R8MTRF
6.8
25
7.0
12
NPIM104B8R2MTRF
8.2
27
6.0
9.0
NPIM104B100MTRF
10
30
7.5
8.5
NPIM104B150MTRF
15
45
6.25
7.0
NPIM104B220MTRF
22
66
5.0
5.5
NPIM104B330MTRF
33
92
4.4
5.0
NPIM104B470MTRF
47
145
3.3
3.5
NPIM104B680MTRF
68
195
2.3
3.0
Contact NIC for
NPIM104B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
A
E
1
E
2
D
2
D
1
B
LAND PATTERN
G
H
F
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM104B
R15 ~ 1R5
11.15 ± 0.35
10.0 ± 0.3
3.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1 3.0 ± 0.5 5.0 ± 0.2 0 ~ +0.15
5.4
13.6
4.1
1R8 ~ 680
10.85 ± 0.35
10.0 ± 0.3
3.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1 3.0 ± 0.5 5.0 ± 0.2 0 ~ +0.15
5.4
13.6
4.1
NPIM104S CASE AND LAND PATTERN DIMENSIONS
C
t
NPIM__B Series
NPIM Shielded Power Inductors


Similar Part No. - NPIM135B3R3MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM133B1R0MTRF NIC-NPIM133B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B1R2MTRF NIC-NPIM133B1R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B1R5MTRF NIC-NPIM133B1R5MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B2R2MTRF NIC-NPIM133B2R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B3R3MTRF NIC-NPIM133B3R3MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM135B3R3MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com