Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0603F1.75 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # S0603F1.75
Description  Chip Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

S0603F1.75 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  S0603F1.75 Datasheet HTML 1Page - GOOD-ARK Electronics S0603F1.75 Datasheet HTML 2Page - GOOD-ARK Electronics S0603F1.75 Datasheet HTML 3Page - GOOD-ARK Electronics S0603F1.75 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
@copyright Good-Ark2012
www.goodark.com
Chip Fuse
Typical Performance Curves
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
0
Current(A)
10
S0603F750
750mA
32V 32V
50A
0.7
0.0070
0.58
G
S0603F1
1A
32V 32V
50A
0.23
0.015
0.25
H
S0603F1.25
1.25A
32V 32V
35A
0.165
0.022
0.19
J
S0603F1.5
1.5A
32V 32V
35A
0.125
0.032
0.18
K
S0603F1.75
1.75A
32V 32V
35A
0.08
0.048
0.17
M
S0603F2
2A
32V 32V
35A
0.063
0.052
0.17
N
S0603F2.5
2.5A
32V 32V
35A
0.04
0.061
0.13
O
S0603F3
3A
32V 32V
35A
0.028
0.070
0.12
P
S0603F3.5
3.5A
32V 32V
35A
0.022
0.122
0.11
R
S0603F4
4A
32V 32V
35A
0.018
0.220
0.11
S
S0603F5
5A
32V 32V
35A
0.011
0.680
0.11
T
S0603F6
6A
32V 32V
35A
0.008
0.920
0.10
Y
*AC Interrupting Rating (Measured at rated voltage with a unity power factor); DC interrupting rating (Measured at rated voltage, time constant of
less than 50 microseconds, battery source)
**DC Cold Resistance (Measured at 10% of rated current)
*** Typical Melting I2t (Measured with a
battery bank at rated DC voltage, 10x-rated current, not to exceed IR, time constant of calirated circuit less than 50 microseconds) (4A,
5A&6A
measured at interrupting rating)
**** Typical Voltage drop (measured at rated current after temperature stabilizes) Device designed to carry rated
current for four hours minimum. An operating current of 75% or less of rated current is recommended, with further derating required at elevated
ambient temperatures.


Similar Part No. - S0603F1.75

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S0603F GOOD-ARK-S0603F_15 Datasheet
169Kb / 4P
   Chip Fuse
More results

Similar Description - S0603F1.75

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1TTE KOA-CCF1N1TTE Datasheet
381Kb / 2P
   chip fuse
CCF1N KOA-CCF1N Datasheet
214Kb / 2P
   chip fuse
12/12/17
CCP2B20 KOA-CCP2B20 Datasheet
115Kb / 2P
   chip fuse
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H_15 Datasheet
186Kb / 4P
   Chip Fuse
S0603F GOOD-ARK-S0603F_15 Datasheet
169Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCP2B20NILTTE KOA-CCP2B20NILTTE Datasheet
267Kb / 2P
   chip fuse
CCF1N1 KOA-CCF1N1 Datasheet
107Kb / 2P
   chip fuse
logo
GOOD-ARK Electronics
S0402F GOOD-ARK-S0402F_15 Datasheet
168Kb / 3P
   Chip Fuse
S0402F GOOD-ARK-S0402F Datasheet
168Kb / 3P
   Chip Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com