Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS81314LQ19 Datasheet(PDF) 6 Page - GSI Technology

Part # GS81314LQ19
Description  144Mb SigmaQuad-IVe??Burst of 2 Single-Bank ECCRAM?
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81314LQ19 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS81314LQ19 Datasheet HTML 2Page - GSI Technology GS81314LQ19 Datasheet HTML 3Page - GSI Technology GS81314LQ19 Datasheet HTML 4Page - GSI Technology GS81314LQ19 Datasheet HTML 5Page - GSI Technology GS81314LQ19 Datasheet HTML 6Page - GSI Technology GS81314LQ19 Datasheet HTML 7Page - GSI Technology GS81314LQ19 Datasheet HTML 8Page - GSI Technology GS81314LQ19 Datasheet HTML 9Page - GSI Technology GS81314LQ19 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
GS81314LQ19/37GK-933/800
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 3/2016
6/39
© 2015, GSI Technology
Initialization Summary
Prior to functional use, these devices must first be initialized and configured. The steps described below will ensure that the
internal logic has been properly reset, and that functional timing parameters have been configured appropriately.
Flow Chart
Power-Up
Reset SRAM
Training
Required?
Address / Control
Input Training
Read Data
Output Training
Write Data
Input Training
Normal Operation
Train
Again?
Yes
No
No
Yes
Enable PLL,
Wait for Lock
Additional
Wait for Calibrations
Configuration
Notes:
1. MZT[1:0] and PZT[1:0] mode pins are used to set the default ODT state of all
input groups at power-up, and whenever RST is asserted High. The ODT state
for each input group can be changed any time thereafter using Register Write
Mode to program certain bits in the Configuration Registers.
2. Calibrations are performed for driver impedance, ODT impedance, and the PLL
current source immediately after RST is de-asserted Low. The calibrations can
take up to 384K cycles total. See the Power-Up and Reset Requirements section
for more information.
3. The PLL can be enabled by the PLL pin, or by the PLL Enable (PLE) bit in the
Configuration Registers. See the PLL Operation section for more information.
4. If the PLE register bit is used to enable the PLL, then Register Write Mode will
likely have to be utilized in the “Asynchronous, Pre-Input Training” method in
order to change the state of the bit, since Address / Control Input Training has
not yet been performed. See the Configuration Registers section for more infor-
mation.
5. It can take up to 64K cycles for the PLL to lock after it has been enabled.
6. Special Loopback Modes are available in these devices to perform Address /
Control Input Training; they are selected and enabled via the Loopback Mode
Select (LBK[1:0]) and Loopback Mode Enable (LBKE) bits in the Configuration
Registers.
7. If Loopback Modes are used to perform Address / Control Input Training, then
Register Write Mode will likely have to be utilized in the “Asynchronous,
Pre-Input Training” method in order to change the states of the LBK[1:0] and
LBKE register bits.
8. Loopback Modes can also be used for Read Data Output Training, if desired.
See the Signal Timing Training and Loopback Mode sections for more informa-
tion.
9. “Additional Configuration” includes programming the Read Latency to 5 cycles
(which is required by these devices), and any other configuration changes
required by the system. Since this step is performed after Address / Control Input
Training, Register Write Mode can be utilized in the “Asynchronous, Post-Input
Training” method (or perhaps the “Synchronous” method, if the synchronous tim-
ing requirements can be met at the particular operating frequency).
10. It is up to the system to determine if/when re-training is necessary.


Similar Part No. - GS81314LQ19

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ19GK-800I GSI-GS81314LQ19GK-800I Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
GS81314LQ19GK-933I GSI-GS81314LQ19GK-933I Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results

Similar Description - GS81314LQ19

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81314PD19 GSI-GS81314PD19 Datasheet
487Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 4 Single-Bank ECCRAM?
GS81314PQ18 GSI-GS81314PQ18 Datasheet
490Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 2 Multi-Bank ECCRAM?
GS81314LD19 GSI-GS81314LD19 Datasheet
487Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 4 Single-Bank ECCRAM?
GS81314LQ18 GSI-GS81314LQ18 Datasheet
489Kb / 40P
   144Mb SigmaQuad-IVe??Burst of 2 Multi-Bank ECCRAM?
GS81314PD18 GSI-GS81314PD18 Datasheet
496Kb / 39P
   144Mb SigmaQuad-IVe??Burst of 4 Multi-Bank ECCRAM?
GS81314LT19 GSI-GS81314LT19 Datasheet
513Kb / 42P
   144Mb SigmaDDR-IVe??Burst of 2 Single-Bank ECCRAM?
GS81314PT18 GSI-GS81314PT18 Datasheet
497Kb / 40P
   144Mb SigmaDDR-IVe??Burst of 2 Single-Bank ECCRAM?
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18 GSI-GS81313LQ18 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe??Burst of 2 ECCRAM?
GS81314LQ19GK-800 GSI-GS81314LQ19GK-800 Datasheet
482Kb / 39P
   Burst of 2 Single-Bank ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com