Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2430 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2430
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2430 Datasheet HTML 7Page - National Semiconductor (TI) LMX2430 Datasheet HTML 8Page - National Semiconductor (TI) LMX2430 Datasheet HTML 9Page - National Semiconductor (TI) LMX2430 Datasheet HTML 10Page - National Semiconductor (TI) LMX2430 Datasheet HTML 11Page - National Semiconductor (TI) LMX2430 Datasheet HTML 12Page - National Semiconductor (TI) LMX2430 Datasheet HTML 13Page - National Semiconductor (TI) LMX2430 Datasheet HTML 14Page - National Semiconductor (TI) LMX2430 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Typical Performance Characteristics
Sensitivity
LMX2430 FinRF Input Power Vs Frequency
Vcc = EN = 2.25V
20053592
LMX2430 FinRF Input Power Vs Frequency
Vcc = EN = 2.75V
20053593
www.national.com
11


Similar Part No. - LMX2430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2430 TI1-LMX2430 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430SLEX TI1-LMX2430SLEX Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430SLEX/NOPB TI1-LMX2430SLEX/NOPB Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
LMX2430TM TI1-LMX2430TM Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results

Similar Description - LMX2430

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com