Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3134 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3134
Description  4 A Integrated Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3134 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3134 Datasheet HTML 2Page - ON Semiconductor NCP3134 Datasheet HTML 3Page - ON Semiconductor NCP3134 Datasheet HTML 4Page - ON Semiconductor NCP3134 Datasheet HTML 5Page - ON Semiconductor NCP3134 Datasheet HTML 6Page - ON Semiconductor NCP3134 Datasheet HTML 7Page - ON Semiconductor NCP3134 Datasheet HTML 8Page - ON Semiconductor NCP3134 Datasheet HTML 9Page - ON Semiconductor NCP3134 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP3134
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS (VDD = VIN = 3.3 V and VDD = VIN = 5.0 V, over recommended free air temperature
range, −40
°C ≤ TJ ≤ 125°C, PGND = GND unless otherwise noted)
Parameter
Units
Max
Typ
Min
Test Conditions
Symbol
LOGIC PINS: I/O VOLTAGE AND CURRENT
EN high threshold voltage
1.1
1.18
1.30
V
EN hysteresis
0.18
0.24
V
EN input pull up resistor
1.2
M
W
PS mode threshold voltage
Level 1 to Level 2
2.2
V
PS source
10
mA pull−up current when enabled
8
10
12
mA
INTERNAL BST DIODE
Reverse−bias leakage current
VBST = 6.6 V, Vin = 3.3 V, TA = 25°C
1
mA
SOFT STOP
Output discharge on−resistance
EN = 0, VIN = 3.3 V, Vout = 0.5 V
20
W
TIMERS: SOFT START
Soft start ramp−up time
TSS
Rising from Vss = 0 V to Vss = 0.6 V
1.0
ms
Delay after EN asserting
EN = ‘HI’
0.2
ms
Switching frequency control
Forced CCM mode
1.98
2.2
2.42
MHz
PWM
Minimum ON time
FCCM mode or Automatic CCM/DCM mode
60
ns
Minimum OFF time
FCCM mode or Automatic CCM/DCM mode
70
ns
PWM ramp amplitude (Note1)
2.9 V < VIN < 5.5 V
VIN/4
V
Maximum duty cycle, FCCM mode
or Automatic CCM/DCM mode
FsW = 2.2 MHz, 0°C < TA < 85°C
80
%
THERMAL SHUTDOWN
Thermal shutdown threshold (Note 1)
160
°C
Thermal shutdown hysteresis (Note 1)
10
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Guaranteed by design, no production test.
2. Guaranteed by characterization.


Similar Part No. - NCP3134

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
More results

Similar Description - NCP3134

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
   Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com