Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1654BD200R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1654BD200R2G
Description  Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD200R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1654BD200R2G Datasheet HTML 1Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 2Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 3Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 4Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 5Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 6Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 7Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 8Page - ON Semiconductor NCP1654BD200R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2016
January, 2016 − Rev. 5
1
Publication Order Number:
NCP1654/D
NCP1654
Power Factor Controller for
Compact and Robust,
Continuous Conduction
Mode Pre-Converters
The NCP1654 is a controller for Continuous Conduction Mode
(CCM) Power Factor Correction step−up pre−converters. It controls
the power switch conduction time (PWM) in a fixed frequency mode
and in dependence on the instantaneous coil current.
Housed in a SO8 package, the circuit minimizes the number of
external components and drastically simplifies the PFC
implementation. It also integrates high safety protection features that
make the NCP1654 a driver for robust and compact PFC stages like
an effective input power runaway clamping circuitry.
Features
IEC61000−3−2 Compliant
Average Current Continuous Conduction Mode
Fast Transient Response
Very Few External Components
Very Low Startup Currents (< 75 mA)
Very Low Shutdown Currents (< 400 mA)
Low Operating Consumption
±1.5 A Totem Pole Gate Drive
Accurate Fully Integrated 65/133/200 kHz Oscillator
Latching PWM for cycle−by−cycle Duty−Cycle Control
Internally Trimmed Internal Reference
Undervoltage Lockout with Hysteresis
Soft−Start for Smoothly Startup Operation
Shutdown Function
Pin to Pin Compatible with Industry Standard
This is a Pb−Free Device
Safety Features
Inrush Currents Detection
Overvoltage Protection
Undervoltage Detection for Open Loop Detection or Shutdown
Brown−Out Detection
Soft−Start
Accurate Overcurrent Limitation
Overpower Limitation
Typical Applications
Flat TVs, PC Desktops
AC Adapters
White Goods, other Off−line SMPS
PIN CONNECTIONS
www.onsemi.com
MARKING DIAGRAM
SO−8
D SUFFIX
CASE 751
1
Ground
8 Driver
2
VM
3
CS
4
Brown−Out
7 VCC
6 Feedback
5 Vcontrol
(Top View)
xx
= 65, 133 or 200
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
8
54Bxx
ALYW
G
1
8
SO−8
(Pb−Free)
Device
Package
Shipping
ORDERING INFORMATION
NCP1654BD65R2G
2500 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SO−8
(Pb−Free)
NCP1654BD133R2G
2500 / Tape &
Reel
SO−8
(Pb−Free)
NCP1654BD200R2G
2500 / Tape &
Reel


Similar Part No. - NCP1654BD200R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
More results

Similar Description - NCP1654BD200R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_09 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
logo
Renesas Technology Corp
R2A20104114 RENESAS-R2A20104114_15 Datasheet
240Kb / 12P
   Continuous Conduction Mode Interleaving
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20131SP RENESAS-R2A20131SP_15 Datasheet
102Kb / 9P
   Continuous Conduction Mode PFC Control IC
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
   Continuous Conduction Mode PFC Control IC
logo
Texas Instruments
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com