Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1653ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1653ADR2G
Description  PFC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1653ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1653ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NCP1653, NCP1653A
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Symbol
Name
Function
1
FB / SD
Feedback /
Shutdown
This pin receives a feedback current IFB which is proportional to the PFC circuit output voltage.
The current is for output regulation, output overvoltage protection (OVP), and output undervoltage
protection (UVP).
When IFB goes above 107% Iref, OVP is activated and the Drive Output is disabled.
When IFB goes below 8% Iref, the device enters a low−consumption shutdown mode.
2
Vcontrol
Control Voltage /
Soft−Start
The voltage of this pin Vcontrol directly controls the input impedance and hence the power factor of
the circuit. This pin is connected to an external capacitor Ccontrol to limit the Vcontrol bandwidth
typically below 20 Hz to achieve near unity power factor.
The device provides no output when Vcontrol = 0 V. Hence, Ccontrol also works as a soft−start
capacitor.
3
In
Input Voltage
Sense
This pin sinks an input−voltage current Ivac which is proportional to the RMS input voltage Vac.
The current Ivac is for overpower limitation (OPL) and PFC duty cycle modulation. When the
product (IS⋅Ivac) goes above 3 nA2, OPL is activated and the Drive Output duty ratio is reduced by
pulling down Vcontrol indirectly to reduce the input power.
4
CS
Input Current
Sense
This pin sources a current IS which is proportional to the inductor current IL. The sense current IS
is for overcurrent protection (OCP), overpower limitation (OPL) and PFC duty cycle modulation.
When IS goes above 200 mA, OCP is activated and the Drive Output is disabled.
5
VM
Multiplier
Voltage
This pin provides a voltage VM for the PFC duty cycle modulation. The input impedance of the
PFC circuit is proportional to the resistor RM externally connected to this pin. The device operates
in average current−mode if an external capacitor CM is connected to the pin. Otherwise, it
operates in peak current−mode.
6
GND
The IC Ground
7
Drv
Drive Output
This pin provides an output to an external MOSFET.
8
VCC
Supply Voltage
This pin is the positive supply of the device. The operating range is between 8.75 V and 18 V with
UVLO start threshold 13.25 V.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
FB, Vcontrol, In, CS, VM Pins (Pins 1−5)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +9
100
V
mA
Drive Output (Pin 7)
Maximum Voltage Range
Maximum Current Range (Note 3)
Vmax
Imax
−0.3 to +18
1.5
V
A
Power Supply Voltage (Pin 8)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +18
100
V
mA
Transient Power Supply Voltage, Duration < 10 ms, IVCC < 20 mA
25
V
Power Dissipation and Thermal Characteristics
P suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
PD
RqJA
PD
RqJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Pins 1−8: Human Body Model 2000 V per JEDEC Standard JESD22, Method A114.
Machine Model Method 190 V per JEDEC Standard JES222, Method A115A.
2. This device contains Latchup protection and exceeds ±100 mA per JEDEC Standard JESD78.
3. Guaranteed by design.


Similar Part No. - NCP1653ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653ADR2G ONSEMI-NCP1653ADR2G Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653ADR2G ONSEMI-NCP1653ADR2G Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
More results

Similar Description - NCP1653ADR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
logo
MagnaChip Semiconductor...
MAP8802 MGCHIP-MAP8802 Datasheet
964Kb / 16P
   CRM PFC Controller
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
   GreenChip PFC controller
Rev. 01-10 February 2009
logo
STMicroelectronics
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
   CCM PFC controller
April 2013 Rev 1
logo
Texas Instruments
UCC29910A TI-UCC29910A_15 Datasheet
617Kb / 23P
[Old version datasheet]   Buck PFC Controller
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com