Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1729SN35T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1729SN35T1G
Description  Switched Capacitor Voltage Inverter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729SN35T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1729SN35T1G Datasheet HTML 5Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 6Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 7Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 8Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 9Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 10Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 11Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 12Page - ON Semiconductor NCP1729SN35T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NCP1729
www.onsemi.com
9
+
6
4
2
3
1
OSC
Capacitors = 3.3
mF
+
+
Vin
5
+
+
−Vout
Figure 22. Negative Output Voltage Doubler
A single device can be used to construct a negative voltage doubler. The output voltage is approximately equal to −2.0 Vin
minus the forward voltage drop of each external diode. The performance characteristics for the above converter are shown
below. Note that curves A and C show the circuit performance with economical 1N4148 diodes, while curves B and D are with
lower loss MBRA120E Schottky diodes.
0
0
−2.0
20
10
−4.0
−6.0
−10.0
30
40
Iout, OUTPUT CURRENT (mA)
−8.0
Figure 23. Doubler Load Regulation,
Output Voltage vs. Output Current
A
B
TA = 25°C
C
D
A
3.0
1N4148
B
3.0
MBRA120E
Curve
Vin (V)
All Diodes
118
107
Rout (W)
C
5.0
1N4148
D
5.0
MBRA120E
91
85


Similar Part No. - NCP1729SN35T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
More results

Similar Description - NCP1729SN35T1G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com