Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1055P100G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1055P100G
Description  Monolithic High Voltage Gated Oscillator Power Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1055P100G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1055P100G Datasheet HTML 2Page - ON Semiconductor NCP1055P100G Datasheet HTML 3Page - ON Semiconductor NCP1055P100G Datasheet HTML 4Page - ON Semiconductor NCP1055P100G Datasheet HTML 5Page - ON Semiconductor NCP1055P100G Datasheet HTML 6Page - ON Semiconductor NCP1055P100G Datasheet HTML 7Page - ON Semiconductor NCP1055P100G Datasheet HTML 8Page - ON Semiconductor NCP1055P100G Datasheet HTML 9Page - ON Semiconductor NCP1055P100G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NCP1050, NCP1051, NCP1052, NCP1053, NCP1054, NCP1055
www.onsemi.com
6
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Switch and Startup Circuit
Drain Voltage Range
Drain Current Peak During Transformer Saturation
VDS
IDS(pk)
*0.3 to 700
2.0 x Ilim Max
V
A
Power Supply/VCC Bypass and Control Input
Voltage Range
Current
VIR
Imax
*0.3 to 10
100
V
mA
Thermal Characteristics
P Suffix, Plastic Package Case 626A−01
Junction−to−Lead
Junction−to−Air, 2.0 Oz. Printed Circuit Copper Clad
0.36 Sq. Inch
1.0 Sq. Inch
ST Suffix, Plastic Package Case 318E−04
Junction−to−Lead
Junction−to−Air, 2.0 Oz. Printed Circuit Copper Clad
0.36 Sq. Inch
1.0 Sq. Inch
RqJL
RqJA
RqJL
RqJA
9.0
77
60
14
74
55
°C/W
Operating Junction Temperature
TJ
*40 to +150
°C
Storage Temperature
Tstg
*65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Pins 1−3: Human Body Model 2000 V per JEDEC JESD22−A114−F.
Machine Model Method 400 V per JEDEC JESD22−A115−A.
Pin 5: Human Body Model 1000 V per JEDEC JESD22−A114−F.
Machine Model Method 400 V per JEDEC JESD22−A115−A.
Pin 5 is connected to the power switch and start−up circuits, and is rated only to the max voltage of the part, or 700 V.
Charged Device Model (CDM) 1000 V per JEDEC Standard JESD22−C101E.
2. This device contains Latch−up protection and exceeds $100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1055P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1055P100G ONSEMI-NCP1055P100G Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
More results

Similar Description - NCP1055P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1050 ONSEMI-NCP1050 Datasheet
246Kb / 24P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
July, 2003 ??Rev. 7
NCP1050 ONSEMI-NCP1050_06 Datasheet
252Kb / 26P
   Monolithic High Voltage Gated Oscillator Power Switching Regulator
February, 2006 ??Rev. 9
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7701 DATADELAY-3D7701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
logo
Advanced XTAL Products
AXGX90 AXTAL-AXGX90 Datasheet
103Kb / 3P
   Gated High Stability Crystal Oscillator
AXGX75 AXTAL-AXGX75 Datasheet
101Kb / 3P
   Gated High Stability Crystal Oscillator
logo
Data Delay Devices, Inc...
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com