Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP720BMT130TBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP720BMT130TBG
Description  Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP720BMT130TBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP720BMT130TBG Datasheet HTML 1Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 2Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 3Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 4Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 5Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 6Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 7Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 8Page - ON Semiconductor NCP720BMT130TBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NCP720
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
Over Operating Temperature Range (TJ = −40°C to +125°C), VBIAS = (VOUT + 1.4 V) or 2.5 V, whichever is greater; VIN ≥ VOUT + 0.5 V,
IOUT = 1 mA, VEN = 1.1 V, COUT = 2.2 mF, unless otherwise noted. Typical values are at TJ = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage Range
VIN
VOUT +
VDO_IN
5.5
V
Operating Bias Voltage Range
VBIAS
(VOUT + 1.4)
≥ 2.4
5.5
V
Output Voltage Range (Note 4)
0.8
2.1
V
Output
Voltage
Accuracy
Nominal
TJ = +25
°C
VOUT
±0.5
%
Over VBIAS, VIN, IOUT,
TJ = –40°C to +125°C
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
0mA
≤ IOUT ≤ 350 mA
VOUT
-2
+2
%
VIN Line Regulation
VIN = (VOUT + 0.5 V) to 4.5 V, IOUT = 1mA
DVOUT/DVIN
5.0
mV/V
VBIAS Line Regulation
VBIAS = (VOUT + 1.4 V) or 2.5 V (which-
ever is greater) to 5.5 V, IOUT = 1 mA
DVOUT/DVBIAS
16
mV/V
Load Regulation
0 mA
≤ IOUT ≤ 350 mA (no load to full load) DVOUT/DIOUT
–1.0
mV/mA
VIN Dropout Voltage (Note 5)
VIN = VOUT(NOM) – 0.1 V,
(VBIAS – VOUT(NOM)) = 1.4 V,
IOUT = 350 mA
VDO_IN
110
200
mV
VBIAS Dropout Voltage (Note 6)
VIN = VOUT(NOM) + 0.3 V, IOUT = 350 mA
VDO_BIAS
1.15
1.4
V
Output Current Limit
VOUT = 0.9 x VOUT(NOM)
ICL
420
525
800
mA
Bias Pin Current
IOUT = 0 mA to 350 mA
IBIAS
80
110
mA
Shutdown Current (IGND)
VEN ≤ 0.4 V, TJ = -40°C to +85°C
ISHDN
0.5
2.0
mA
VIN Power-Supply Rejection Ratio
VIN – VOUT ≥ 0.5 V,
VBIAS = VOUT + 1.4 V,
IOUT = 350 mA
f = 10 Hz
PSRR (VIN)
52
dB
f = 100 Hz
56
f = 1 kHz
65
f = 10 kHz
46
f = 100 kHz
37
f = 1 MHz
25
VBIAS Power-Supply Rejection
Ratio
VIN – VOUT ≥ 0.5 V,
VBIAS = VOUT + 1.4 V,
IOUT = 350 mA
f = 10 Hz
PSRR (VBIAS)
65
dB
f = 100 Hz
65
f = 1 kHz
70
f = 10 kHz
50
f = 100 kHz
35
f = 1 MHz
24
Output Noise Voltage
BW = 10 Hz to 100 kHz
VN
40
mVRMS
Inrush Current on VIN
IVIN_INRUSH
100 +
ILOAD
mA
Startup Time
VOUT = 95% VOUT(NOM), IOUT = 350 mA,
COUT = 2.2 mF
tSTR
140
ms
Enable Pin High (enabled)
VEN(HI)
1.1
V
Enable Pin Low (disabled)
VEN(LO)
0
0.4
V
Enable Pin Current
VEN = 5.5 V
IEN
0.3
1
mA
Undervoltage Lock-out
VBIAS rising
UVLO
1.6
V
Hysteresis
VBIAS falling
0.2
V
Thermal Shutdown Temperature
Shutdown, temperature increasing
TSD
+160
°C
Reset, temperature decreasing
+140
°C
Operating Junction Temperature
TJ
–40
+125
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. VOUT nominal value is factory programmable.
5. Measured for devices with VOUT(NOM) ≥ 1.2V.
6. VBIAS – VOUT with VOUT = VOUT(NOM) – 0.1V.


Similar Part No. - NCP720BMT130TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP720BMT130TBG ONSEMI-NCP720BMT130TBG Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720BMT130TBG ONSEMI-NCP720BMT130TBG Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
More results

Similar Description - NCP720BMT130TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com