Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1080 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1080
Description  Integrated PoE-PD & DC-DC Converter Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1080 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1080_13 Datasheet HTML 2Page - ON Semiconductor NCP1080_13 Datasheet HTML 3Page - ON Semiconductor NCP1080_13 Datasheet HTML 4Page - ON Semiconductor NCP1080_13 Datasheet HTML 5Page - ON Semiconductor NCP1080_13 Datasheet HTML 6Page - ON Semiconductor NCP1080_13 Datasheet HTML 7Page - ON Semiconductor NCP1080_13 Datasheet HTML 8Page - ON Semiconductor NCP1080_13 Datasheet HTML 9Page - ON Semiconductor NCP1080_13 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCP1080
http://onsemi.com
6
Table 2. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Units
Conditions
VPORTP
Input power supply
−0.3
72
V
Voltage with respect to VPORTN1,2
RTN
ARTN
Analog ground supply 2
−0.3
72
V
Pass−switch in off−state
(Voltage with respect to VPORTN1,2)
VDDH
Internal regulator output
−0.3
17
V
Voltage with respect to ARTN
VDDL
Internal regulator output
−0.3
3.6
V
Voltage with respect to ARTN
CLASS
Analog output
−0.3
3.6
V
Voltage with respect to VPORTN1,2
INRUSH
Analog output
−0.3
3.6
V
Voltage with respect to VPORTN1,2
ILIM1
Analog output
−0.3
3.6
V
Voltage with respect to VPORTN1,2
UVLO
Analog input
−0.3
3.6
V
Voltage with respect to VPORTN1,2
OSC
Analog output
−0.3
3.6
V
Voltage with respect to ARTN
COMP
Analog input / output
−0.3
3.6
V
Voltage with respect to ARTN
FB
Analog input
−0.3
3.6
V
Voltage with respect to ARTN
CS
Analog input
−0.3
3.6
V
Voltage with respect to ARTN
SS
Analog input
−0.3
3.6
V
Voltage with respect to ARTN
NC
Open pin
TEST1
TEST2
Digital inputs
−0.3
3.6
V
Voltage with respect to VPORTN1,2
TA
Ambient temperature
−40
85
°C
TJ
Junction temperature
150
°C
TJ−TSD
Junction temperature (Note 1)
175
°C
Thermal shutdown condition
Tstg
Storage Temperature
−55
150
°C
TθJA
Thermal Resistance,
Junction to Air (Note 2)
37.6
°C/W
Exposed pad connected to VPORTN1,2 ground
ESD−HBM
Human Body Model
4
kV
per JEDEC Standard JESD22
ESD−CDM
Charged Device Model
750
V
ESD−MM
Machine Model
300
V
LU
Latch−up
±200
mA
per JEDEC Standard JESD78
ESD−SYS
System ESD (contact/air) (Note 3)
8/15
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. TJ−TSD allowed during error conditions only. It is assumed that this maximum temperature condition does not occur more than 1 hour
cumulative during the useful life for reliability reasons.
2. Mounted on a 1S2P (3 layer) test board with copper coverage of 25 percent for the signal layers and 90 percent copper coverage for the
inner planes at an ambient temperature of 85°C in still air. Refer to JEDEC JESD51−7 for details.
3. Surges per EN61000−4−2, 1999 applied between RJ−45 and output ground and between adapter input and output ground of the evaluation
board. The specified values are the test levels and not the failure levels.


Similar Part No. - NCP1080_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080DEG ONSEMI-NCP1080DEG Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1080DER2G ONSEMI-NCP1080DER2G Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
More results

Similar Description - NCP1080_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
Murata Manufacturing Co...
MYBSP01206AZFT MURATA1-MYBSP01206AZFT Datasheet
12Mb / 13P
   Isolated DC-DC converter for PoE PD
2018
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com