Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP785AH33T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP785AH33T1G
Description  High PSRR Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP785AH33T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP785AH33T1G Datasheet HTML 1Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 2Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 3Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 4Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 5Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 6Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 7Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 8Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP785A
www.onsemi.com
4
Table 6. ELECTRICAL CHARACTERISTICS, VOUT = 12 V (−40°C ≤ TJ ≤ 85°C; VIN = 340 V; IOUT = 100 mA, CIN = 2.2 mF,
COUT = 22 mF, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 6)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage DC
VIN
55
450
V
Output Voltage Accuracy
TJ = 25°C, Iout = 100 mA, 55 V ≤ Vin ≤ 450 V
VOUT
11.460
12
12.540
V
−40
°C ≤ TJ ≤ 85°C, Iout = 100 mA,
55 V
≤ Vin ≤ 450 V
VOUT
11.4
12
12.6
V
Line Regulation
55 V
≤ Vin ≤ 450 V, Iout = 100 mA
RegLINE
−0.5
0.1
+0.5
%/V
Load Regulation
100
mA ≤ IOUT ≤ 10 mA, Vin = 65 V
RegLOAD
−1.0
0.66
+1.0
%
Maximum Output Current (Note 7)
55 V
≤ Vin ≤ 450 V
IOUT
10.5
mA
Quiescent Current
IOUT = 0, 55 V ≤ Vin ≤ 450 V
IQ
17
22
mA
Ground Current (Note 7)
55 V
≤ Vin ≤ 450 V
0 < IOUT ≤ 10 mA
IGND
25
mA
Power Supply Rejection Ratio
Vin = 340 VDC +1 Vpp
modulation, Iout = 100
mA
f = 1 kHz
PSRR
70
dB
Noise
f = 100 Hz to 100 kHz
Vin = 340 VDC, Iout = 100 mA
VNOISE
420
mVrms
Thermal Shutdown Temperature
(Note 8)
Temperature increasing from TJ = +25°C
TSD
145
°C
Thermal Shutdown Hysteresis
(Note 8)
Temperature falling from TSD
TSDH
10
°C
Table 7. ELECTRICAL CHARACTERISTICS, VOUT = 15 V (−40°C ≤ TJ ≤ 85°C; VIN = 340 V; IOUT = 100 mA, CIN = 2.2 mF,
COUT = 22 mF, unless otherwise noted. Typical values are at TJ = +25°C.) (Note 6)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage DC
VIN
60
450
V
Output Voltage Accuracy
TJ = 25°C, Iout = 100 mA, 60 V ≤ Vin ≤ 450 V
VOUT
14.325
15
15.675
V
−40
°C ≤ TJ ≤ 85°C, Iout = 100 mA,
60 V
≤ Vin ≤ 450 V
VOUT
14.25
15
15.75
V
Line Regulation
60 V
≤ Vin ≤ 450 V, Iout = 100 mA
RegLINE
−0.5
0.1
+0.5
%/V
Load Regulation
100
mA ≤ IOUT ≤ 10 mA, Vin = 65 V
RegLOAD
−1.0
0.66
+1.0
%
Maximum Output Current (Note 7)
65 V
≤ Vin ≤ 450 V
IOUT
10.5
mA
Quiescent Current
IOUT = 0, 60 V ≤ Vin ≤ 450 V
IQ
18
22
mA
Ground Current (Note 7)
60 V
≤ Vin ≤ 450 V
0 < IOUT ≤ 10 mA
IGND
25
mA
Power Supply Rejection Ratio
Vin = 340 VDC +1 Vpp
modulation, Iout = 100
mA
f = 1 kHz
PSRR
70
dB
Noise
f = 100 Hz to 100 kHz
Vin = 340 VDC, Iout = 100 mA
VNOISE
500
mVrms
Thermal Shutdown Temperature
(Note 8)
Temperature increasing from TJ = +25°C
TSD
145
°C
Thermal Shutdown Hysteresis
(Note 8)
Temperature falling from TSD
TSDH
10
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25
°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
7. A proper heatsinking and/or low duty cycle pulse techniques are used to operate the device within the Safe Operating Area.
8. Guaranteed by design


Similar Part No. - NCP785AH33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP785AH33T1G ONSEMI-NCP785AH33T1G Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
More results

Similar Description - NCP785AH33T1G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
Analog Devices
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com