Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLI89D331K___F Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NLI89D331K___F
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI89D331K___F Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NLI89D331K___F Datasheet HTML 6Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 7Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 8Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 9Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 10Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 11Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 12Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 13Page - NIC-Components Corp. NLI89D331K___F Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__D Series
NLI Radial Power Inductors
NPI114 STANDARD VALUES (H = 14.4mm x D = 10.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Test Freq.
DCR (
Ω) max.
DCI (A) max.
NLI114D103K_ _ _F
10000
±10%
1KHz
16
0.16
NLI114D123K_ _ _F
12000
±10%
1KHz
21
0.15
NLI114D153K_ _ _F
15000
±10%
1KHz
24
0.14
NLI114D183K_ _ _F
18000
±10%
1KHz
27
0.13
NLI114D223K_ _ _F
22000
±10%
1KHz
34
0.12
NLI114D273K_ _ _F
27000
±10%
1KHz
39
0.11
NLI114D333K_ _ _F
33000
±10%
1KHz
51
0.10
NLI114D393K_ _ _F
39000
±10%
1KHz
58
0.09
CIRCUIT
TWO LEADS
DC I maximum
Δ+40°C temperature rise, ΔL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI89D331K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI89D331KF NIC-NLI89D331KF Datasheet
152Kb / 14P
   NLI Radial Power Inductors
More results

Similar Description - NLI89D331K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com