Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM74PAR82MTRQYF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIM74PAR82MTRQYF
Description  NPIM Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM74PAR82MTRQYF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NPIM74PAR82MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM74PAR82MTRQYF Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NPIM_PA Series
NPIM Shielded Power Inductors
Series
B
0
B
1
A
0
A
1
Ko
Po
W
Co
t
NPIM32PA
3.8±0.1
n/a
3.5±0.1
n/a
2.3±0.1
8.0±0.1
12.0±0.3
5.5±0.1
0.35±0.05
NPIM42PA
5.0±0.1
n/a
4.4±0.1
n/a
2.3±0.1
8.0±0.1
12.0±0.3
5.5±0.1
0.35±0.05
NPIM74PA
7.8±0.1
n/a
7.1±0.1
n/a
3.3±0.1
12.0±0.1
16.0±0.3
7.5±0.1
0.35±0.05
NPIM104PA
11.6±0.1
n/a
10.4±0.1
n/a
4.5±0.1
16.0±0.1
24.0±0.3
11.5±0.1
0.35±0.05
NPIM145PA
14.1±0.1
13.0±0.1
12.9±0.1
7.0±0.1
6.5±0.1
16.0±0.1
24.0±0.3
11.5±0.1
0.35±0.05
NPIM146PA
14.1±0.1
13.0±0.1
12.9±0.1
7.0±0.1
7.0±0.1
16.0±0.1
24.0±0.3
11.5±0.1
0.35±0.05
CARRIER TAPE DIMENSIONS (mm)
W
Co
Ao
Po
Ko
Bo
1.50mm ± 0.10
4.0mm
±0.1
1.75mm ±0.1
t
B
0
B
1
A
0
A
1
W
Co
Ao
Po
Bo
1.50mm ± 0.10
4.0mm
±0.1
1.75mm ±0.1
Ko
t
B
0
A
0
CARRIER TAPE FOR SIZES 32, 42, 74 AND 104
CARRIER TAPE FOR SIZES 145 AND 146


Similar Part No. - NPIM74PAR82MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM74P NIC-NPIM74P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P100MTRF NIC-NPIM74P100MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P1R0MTRF NIC-NPIM74P1R0MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P1R5MTRF NIC-NPIM74P1R5MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P1R8MTRF NIC-NPIM74P1R8MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM74PAR82MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com