Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCLS12_R012TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCLS12_R012TRF
Description  Metal Foil Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCLS12_R012TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCLS12_R012TRF Datasheet HTML 1Page - NIC-Components Corp. NCLS12_R012TRF Datasheet HTML 2Page - NIC-Components Corp. NCLS12_R012TRF Datasheet HTML 3Page - NIC-Components Corp. NCLS12_R012TRF Datasheet HTML 4Page - NIC-Components Corp. NCLS12_R012TRF Datasheet HTML 5Page - NIC-Components Corp. NCLS12_R012TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Metal Foil Current Sensing Chip Resistors
NCLS Series
FEATURES
• SURFACE MOUNT 0603, 0805 AND 1206 CASE SIZES
• RESISTANCE VALUES UP TO 40mW
• METAL FOIL ON CERAMIC CONSTRUCTION
• PRECISON TOLERANCE (±1%)
• REFLOW COMPATIBLE
SPECIFICATIONS
See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Contact NIC regarding availability of values not shown
Type
EIA
Size
Power Rating
at 70°C
Resistance
Tolerance
(Code)
Temperature Coefficient
(ppm/°C, +25°C ~ +125°C)
Resistance
Range*
Operating
Temperature
Range (°C)
NCLS06
0603
0.25W
±1% (F)
±2% (G)
±5% (J)
±100ppm
5mW ~ 20mW
-55°C ~ +155°C
NCLS10
0805
0.50W
6mW ~ 30mW
NCLS12
1206
1.0W
6mW ~ 40mW
PART NUMBER SYSTEM
NCLS 12 F R006 TR F
RoHS compliant
Packaging: TR = Tape & Reel
Resistance Code: See Values Tables
Tolerance Code: J = 5%, G = 2%, F = 1%
Case Size Code: 12 = 1206
Series
Voltage and Current Ratings: Voltage and current ratings can be calculated for each part number by using
the formulas below:
Current Rating Formula: I = P/R
Example: NCLS12FR006TRF
P = 0.25W
R = 0.006mW (6 milli-ohm)
I =
P/R = 0.25 / 0.006 = 6.454A
Voltage Rating Formula: V = PxR
Example: NCLS12FR006TRF
P = 0.25W
R = 0.006mW (6 milli-ohm)
V =
P x R = 0.25 x 0.006 = 0.0387V
Case Size
L
W
T
P
0603
All Values 1.60 ± 0.20 0.80 ± 0.20 0.60 ± 0.20
0.40 ± 0.20
0805
All Values 2.00 ± 0.20 1.25 ± 0.20 0.70 ± 0.20
0.40 ± 0.20
1206
All Values 3.20 ± 0.20 1.60 ± 0.20 0.70 ± 0.20
0.50 ± 0.30
COMPONENT DIMENSIONS AND MARKING
020
L
W
T
P
P
(0603 parts are not marked)
MARKING EXAMPLES
5mW = 005
10mW = 010
6.5mW = 6.5


Similar Part No. - NCLS12_R012TRF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NCL-CL1-01 MEANWELL-NCL-CL1-01 Datasheet
916Kb / 3P
   LED Strip Module
logo
List of Unclassifed Man...
NCL020C ETC1-NCL020C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL020C-100000 ETC1-NCL020C-100000 Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL020X ETC1-NCL020X Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
More results

Similar Description - NCLS12_R012TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
   Metal Foil Current Sensing Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW25M_J WALSIN-WW25M_J Datasheet
451Kb / 8P
   Metal low ohm current sensing chip resistors
WW25MR025JTLJ WALSIN-WW25MR025JTLJ Datasheet
456Kb / 8P
   Metal low ohm current sensing chip resistors
WW25A_J WALSIN-WW25A_J Datasheet
449Kb / 8P
   Metal low ohm current sensing chip resistors
WW25B_J WALSIN-WW25B_J Datasheet
449Kb / 8P
   Metal low ohm current sensing chip resistors
WW12M_J WALSIN-WW12M_J Datasheet
454Kb / 8P
   Metal low ohm current sensing chip resistors
WW20N_J WALSIN-WW20N_J Datasheet
460Kb / 7P
   Metal low ohm current sensing chip resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Eaton All Rights Reserv...
MFSA EATON-MFSA Datasheet
722Kb / 7P
   SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com