Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7808 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM7808
Description  1.5A Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7808 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
LM78XX
Electrical Characteristics (LM7808)
(VI=14V, IO=500mA, 0°C ≤TJ≤125 °C, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25 °C
7.7
8.0
8.3
V
VI = 10.5V to 25V TJ = 25 °C
6
160
Line Regulation
∆VO
VI = 11V to 17V TJ = 25 °C
2
80
mV
IO = 5mA to 1.5A, 25 °C
12
160
Load Regulation
∆VO
IO = 250mA to 750mA, 25 °C
4
80
mV
Ripple Rejection
RR
VI = 11.5V to 21.5V, f=120Hz
55
72
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25 °C
52
µV
Dropout Voltage
VD
TJ = 25 °C
2.0
V
Quiescent Current
TJ = 25 °C
4.3
8
mA
VI = 10.5V to 25V, TJ = 25 °C
1
Quiescent Current
Change
∆IQ
IO = 5mA to 1A, TJ = 25 °C
0.5
mA
Electrical Characteristics (LM7809)
(VI=16V, IO=500mA, 0°C ≤TJ≤125 °C, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25 °C
8.6
9.0
9.40
V
VI = 11.5V to 27V TJ = 25 °C
7
180
Line Regulation
∆VO
VI = 13V to 19V TJ = 25 °C
2
90
mV
IO = 5mA to 1.5A, 25 °C
12
180
Load Regulation
∆VO
IO = 250mA to 750mA, 25 °C
4
90
mV
Ripple Rejection
RR
VI = 12V to 19V, f=120Hz
55
70
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
60
µV
Dropout Voltage
VD
TJ = 25 °C
2.0
V
Quiescent Current
TJ = 25 °C
4.3
8
mA
VI = 11.5V to 27V, TJ = 25 °C
1.0
Quiescent Current
Change
∆IQ
IO = 5mA to 1A, TJ = 25 °C
0.5
mA


Similar Part No. - LM7808

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM7808 SEME-LAB-LM7808 Datasheet
20Kb / 2P
   8 VOLT POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7808 FAIRCHILD-LM7808 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7808 FAIRCHILD-LM7808 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7808 FCI-LM7808 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7808 TGS-LM7808 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7808

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
G5J2188 GTM-G5J2188 Datasheet
543Kb / 7P
   1.5A CMOS Positive Voltage Regulator
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78D05AA UTC-78D05AA Datasheet
352Kb / 8P
   3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com