Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCLS10_R027TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCLS10_R027TRF
Description  Metal Foil Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCLS10_R027TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCLS10_R027TRF Datasheet HTML 1Page - NIC-Components Corp. NCLS10_R027TRF Datasheet HTML 2Page - NIC-Components Corp. NCLS10_R027TRF Datasheet HTML 3Page - NIC-Components Corp. NCLS10_R027TRF Datasheet HTML 4Page - NIC-Components Corp. NCLS10_R027TRF Datasheet HTML 5Page - NIC-Components Corp. NCLS10_R027TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCLS Series
Part Number
Resistance
Value (mW)
Power Rating
Available
Tolerance
Available
TCR
NCLS06_ R005TRF
5.0
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R006TRF
6.0
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R007TRF
7.0
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R008TRF
8.0
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R009TRF
9.0
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R010TRF
10
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R011TRF
11
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R012TRF
12
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R013TRF
13
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R014TRF
14
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R015TRF
15
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R016TRF
16
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R017TRF
17
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R018TRF
18
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R019TRF
19
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06_ R020TRF
20
0.25W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS06 (0603 CASE SIZE 0.25W) AVAILABLE VALUES
Item
Specification
Test Method
Reference Standard
Temperature Coefficient
of Resistance
Within specified value
+25°C ~ +125°C
IEC60115-1 4.8
JIS-C5201 4.8
Load Life
<±1%
1,000 hours at rated power, +70°C, 1.5 hours
ON, 0.5 hours OFF
IEC60115-1 4.25.1
JIS-C5201 4.25.1
Short Time Overload
<±1%
5 x rated power for 5 seconds
IEC60115-1 4.13
JIS-C5201 4.13
Moisture Resistance
(no load)
<±1%
+85°C, 85% RH, 1000 hours
IEC60115-1 4.24.2 1a
JIS-C5201 4.24.2 1a
Temperature Cycling
<±1%
-55°C & +155°C, 300 cycles,
15 minutes at each temperature
IEC60115-1 4.19
JIS-C5201 4.19
Resistance to Soldering Heat
<±0.5%
+260°C ± 5°C for 10 sec. ±1 sec.,Two cycles
IEC60115-1 4.18
JIS-C5201 4.18
Solderability
At least 95% coverage
of electrode surface
+245°C ± 5°C, 2 sec. ± 0.5sec.
IEC60115-1 4.17
JIS-C5201 4.17
High Temperature Exposure
<±1%
+155°C for 1,000 hours
IEC60115-1 4.23.2
JIS-C5201 4.23.2
Low Temperature Storage
<±1%
-55°C for 1,000 hours
IEC60115-1 4.23.4
JIS-C5201 4.23.4
Substrate Bending
<±0.5%
Bending within 2mm
IEC60115-1 4.33
JIS-C5201 4.33
Insulation Resistance
>100MW
100VDC for 1 minute
IEC60115-1 4.6
JIS-C5201 4.6
ENVIRONMENTAL CHARACTERISTICS
*Contact NIC regarding availability of values not shown
Metal Foil Current Sensing Chip Resistors


Similar Part No. - NCLS10_R027TRF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NCL-CL1-01 MEANWELL-NCL-CL1-01 Datasheet
916Kb / 3P
   LED Strip Module
logo
List of Unclassifed Man...
NCL020C ETC1-NCL020C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL020C-100000 ETC1-NCL020C-100000 Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL020X ETC1-NCL020X Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
More results

Similar Description - NCLS10_R027TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
   Metal Foil Current Sensing Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW25M_J WALSIN-WW25M_J Datasheet
451Kb / 8P
   Metal low ohm current sensing chip resistors
WW25MR025JTLJ WALSIN-WW25MR025JTLJ Datasheet
456Kb / 8P
   Metal low ohm current sensing chip resistors
WW25A_J WALSIN-WW25A_J Datasheet
449Kb / 8P
   Metal low ohm current sensing chip resistors
WW25B_J WALSIN-WW25B_J Datasheet
449Kb / 8P
   Metal low ohm current sensing chip resistors
WW12M_J WALSIN-WW12M_J Datasheet
454Kb / 8P
   Metal low ohm current sensing chip resistors
WW20N_J WALSIN-WW20N_J Datasheet
460Kb / 7P
   Metal low ohm current sensing chip resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Eaton All Rights Reserv...
MFSA EATON-MFSA Datasheet
722Kb / 7P
   SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com