Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM42PA1R5MTRQYF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIM42PA1R5MTRQYF
Description  NPIM Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM42PA1R5MTRQYF Datasheet(HTML) 8 Page - NIC-Components Corp.

  NPIM42PA1R5MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM42PA1R5MTRQYF Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
Series
A
B
C
D
Qty/Reel
NPIM32PA
12.4 +2.0/-0
100 ±2.0
13.5 ±0.5
330
3,000
NPIM42PA
3,000
NPIM74PA
16.4 +2.0/-0
1,000
NPIM104PA
24.4 +2.0/-0
500
NPIM145PA
500
NPIM146PA
500
REEL DIMENSIONS (mm)
Series
F
G
H
NPIM32PA
1.9
4,1
1.45
NPIM42PA
2.2
5.2
2.4
NPIM74PA
2.5
8.4
3.5
NPIM104PA
5.4
13.6
3.5
NPIM145PA
8.0
14.2
5.0
NPIM146PA
8.0
14.2
5.0
LAND PATTERN DIMENSIONS (mm)
G
H
F
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
60 ~ 180 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 200°C
Time above 245°C
20 ~ 40 seconds
Time above 217°C
60 ~ 150 seconds
NPIM_PA Series
NPIM Shielded Power Inductors


Similar Part No. - NPIM42PA1R5MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM42P NIC-NPIM42P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM42P100MTRF NIC-NPIM42P100MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM42P100MTRF NIC-NPIM42P100MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM42P150MTRF NIC-NPIM42P150MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM42P150MTRF NIC-NPIM42P150MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM42PA1R5MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com