Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM41LR68MTRF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIM41LR68MTRF
Description  NPIM Shielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM41LR68MTRF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NPIM41LR68MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM41LR68MTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM Shielded Power Inductors
NPIM_L Series
NPIM40L Size
Maximum +40°C temperature rise at IDC. Maximum -30% inductance drop from initial measured value at Isat.
Series
Standard Values - Case Size 40 (4.0x4.0x1.0mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
IDC (Amps)
Max.
Typ.
Max.
Typ.
Max.
Typ.
NPIM40LR33MTRF
0.33 ± 20%
1MHz, 1V
0.019
0.0155
7.4
8.7
5
5.8
NPIM40LR47MTRF
0.47 ± 20%
0.024
0.02
6.4
7.9
4.7
5.5
NPIM40LR68MTRF
0.68 ± 20%
0.034
0.028
5.3
6.3
3.4
3.9
NPIM40L1R0MTRF
1.0 ± 20%
0.054
0.045
4.7
5.7
3
3.5
NPIM40L1R5MTRF
1.5 ± 20%
0.0745
0.062
3.55
4.2
2.7
3.1
NPIM40L2R2MTRF
2.2 ± 20%
0.108
0.09
3
3.6
2.4
2.7
NPIM40L3R3MTRF
3.3 ± 20%
0.174
0.145
2.4
2.8
1.8
2
NPIM40L4R7MTRF
4.7 ± 20%
0.205
0.175
2.05
2.45
1.6
1.9
NPIM40L6R8MTRF
6.8 ± 20%
0.28
0.23
1.7
2
1.35
1.55
NPIM40L100MTRF
10 ± 20%
0.39
0.325
1.4
1.7
1.1
1.3
NPIM40LR33MTRF
NPIM40LR47MTRF
NPIM40LR68MTRF
NPIM40L1R0MTRF
NPIM40L1R5MTRF
NPIM40L2R2MTRF
NPIM40L3R3MTRF
NPIM40L4R7MTRF
NPIM40L6R8MTRF
NPIM40L100MTRF


Similar Part No. - NPIM41LR68MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM41B NIC-NPIM41B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R0MTRF NIC-NPIM41B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R0MTRF NIC-NPIM41B1R0MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R5MTRF NIC-NPIM41B1R5MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R5MTRF NIC-NPIM41B1R5MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM41LR68MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com