Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM40L100MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM40L100MTRF
Description  NPIM Shielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM40L100MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM40L100MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM40L100MTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM Shielded Power Inductors
NPIM_L Series
FEATURES
• SHIELDED POWER INDUCTOR
• AUTOMATIC ASSEMBLY
• ROBUST CONSTRUCTION
• HIGH EFFICIENCY
• HIGHER CURRENT RATINGS COMPARED TO NPIS_Lx
• ULTRA LOW PROFILE (1.0 ~ 1.2mm MAX. HEIGHTS)
• SURFACE MOUNTABLE CONSTRUCTION
• TAPED AND REELED FOR AUTOMATIC INSERTION
Case Size
NPIM26L
NPIM20L
NPIM21L
NPIM31L
Inductance Range
0.24 ~ 10μH
0.24 ~ 33μH
0.24 ~ 10μH
0.47 ~ 10μH
Case Size
NPIM32L
NPIM40L
NPIM41L
Inductance Range
0.33 ~ 10μH
0.33 ~ 10μH
0.33~ 10μH
Ambient Operating Temperature Range
-40°C ~ +125°C (including self-heating)
Temperatrue Rise at Irms
Maximum +40°C Temperature Rise
Inductance Change at Isat
Maximum -30% Inductance Drop From Initial Measured Value
Inductance Tolerance
±20% (M)
Resistance to Solder Heat
+260°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
Series
Component Dimensions
Land Pattern Dimensions
A
B
C
E
F
G
g'
H
I
NPIM26L
2.0 ± 0.3
1.6 ± 0.3
1.0 Max
0.6 ± 0.2
0.6
2.3
/
1.7
/
NPIM20L
2.5 ± 0.3
2.0 ± 0.3
1.0 Max
0.85 ± 0.2
0.8
2.6
/
2.1
/
NPIM21L
2.5 ± 0.3
2.0 ± 0.3
1.2 Max
0.85 ± 0.2
0.8
2.6
/
2.1
/
NPIM31L
3.0 ± 0.2
3.0 ± 0.2
1.0 Max
0.9 ± 0.2
/
/
3.0
2.7
0.8
NPIM32L
3.0 ± 0.2
3.0 ± 0.2
1.2 Max
0.9 ± 0.2
/
/
3.0
2.7
0.8
NPIM40L
4.0 ± 0.2
4.0 ± 0.2
1.0 Max
1.1 ± 0.2
/
/
4.0
3.7
1.2
NPIM41L
4.0 ± 0.2
4.0 ± 0.2
1.2 Max
1.1 ± 0.2
/
/
4.0
3.7
1.2
NPIM 21 L 4R7 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (μH): 1st two digits are
significant, 3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
I
All Sizes
C
REFLOW SOLDERING
LAND PATTERN (ALL SIZES)
A
B
H
NPIM31L, NPIM32L
NPIM40L, NPIM41L
NPIM26L, NPIM20L
NPIM21L
E
A
B
E
E
E
I
g'
G
F


Similar Part No. - NPIM40L100MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM41B NIC-NPIM41B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R0MTRF NIC-NPIM41B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R0MTRF NIC-NPIM41B1R0MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R5MTRF NIC-NPIM41B1R5MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R5MTRF NIC-NPIM41B1R5MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM40L100MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com