Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCLS06_R018TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NCLS06_R018TRF
Description  Metal Foil Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCLS06_R018TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NCLS06_R018TRF Datasheet HTML 1Page - NIC-Components Corp. NCLS06_R018TRF Datasheet HTML 2Page - NIC-Components Corp. NCLS06_R018TRF Datasheet HTML 3Page - NIC-Components Corp. NCLS06_R018TRF Datasheet HTML 4Page - NIC-Components Corp. NCLS06_R018TRF Datasheet HTML 5Page - NIC-Components Corp. NCLS06_R018TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCLS Series
Case Size
A
B
C
0603
5mW & 20mW
0.60
1.10
1.0
6mW ~ 19.5mW
0.85
0.975
0805
6mW ~ 9.5mW
0.80
1.20
1.4
10mW ~ 30mW
1.20
1.00
1206
6mW ~ 9.5mW
1.20
1.75
1.8
10mW ~ 19.5mW
1.80
1.45
20mW ~ 40mW
2.20
1.05
RECOMMENDED LAND PATTERN DIM. (mm)
B
A
C
B
Sensing
Trace
RECOMMENDED REFLOW
SOLDERING TEMPERATURE PROFILE
200
300
250
50
150
100
0
150°C ~ 180°C
120 Sec.
10 sec.
Peak Temperature 260°C
230°C, 40 sec. max.
Case
Size
A
B
K
P
P
1
E
F
D
0
W
Quantity
per Reel
0603 1.10 ± 0.15 1.90 ± 0.2 0.85 ± 0.1
4.0 ± 0.1
2.0 ± 0.1
1.75 ± 0.1 3.5 ± 0.05 1.55 ± 0.1 8.0 ± 0.2
5,000
0805 1.60 ± 0.15 2.40 ± 0.2
1.05 ± 0.1
4.0 ± 0.1
4,000
1206 2.00 ± 0.15 3.60 ± 0.2
PAPER TAPE DIMENSIONS (mm)
D
0
P
1
K
A
P
Bottom
Tape
Top
Tape
Metal Foil Current Sensing Chip Resistors


Similar Part No. - NCLS06_R018TRF

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NCL-CL1-01 MEANWELL-NCL-CL1-01 Datasheet
916Kb / 3P
   LED Strip Module
logo
List of Unclassifed Man...
NCL020C ETC1-NCL020C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL020C-100000 ETC1-NCL020C-100000 Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL020X ETC1-NCL020X Datasheet
147Kb / 1P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
More results

Similar Description - NCLS06_R018TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
   Metal Foil Current Sensing Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW25M_J WALSIN-WW25M_J Datasheet
451Kb / 8P
   Metal low ohm current sensing chip resistors
WW25MR025JTLJ WALSIN-WW25MR025JTLJ Datasheet
456Kb / 8P
   Metal low ohm current sensing chip resistors
WW25A_J WALSIN-WW25A_J Datasheet
449Kb / 8P
   Metal low ohm current sensing chip resistors
WW25B_J WALSIN-WW25B_J Datasheet
449Kb / 8P
   Metal low ohm current sensing chip resistors
WW12M_J WALSIN-WW12M_J Datasheet
454Kb / 8P
   Metal low ohm current sensing chip resistors
WW20N_J WALSIN-WW20N_J Datasheet
460Kb / 7P
   Metal low ohm current sensing chip resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Eaton All Rights Reserv...
MFSA EATON-MFSA Datasheet
722Kb / 7P
   SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com