Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM32L1R0MTRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIM32L1R0MTRF
Description  NPIM Shielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM32L1R0MTRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NPIM32L1R0MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM32L1R0MTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM_L Series
NPIM Shielded Power Inductors
NPIM32L Size
Maximum +40°C temperature rise at IDC. Maximum -30% inductance drop from initial measured value at Isat.
Series
Standard Values - Case Size 32 (3.0x3.0x1.2mm)
Inductance
(μH)
Test
Conditions
DCR
(Ω)
Isat (Amps)
IDC (Amps)
Max.
Typ.
Max.
Typ.
Max.
Typ.
NPIM32LR33MTRF
0.33 ± 20%
1MHz, 1V
0.022
0.018
7.3
8.6
4.8
6.4
NPIM32LR47MTRF
0.47 ± 20%
0.0255
0.021
6.4
7.5
4.2
5
NPIM32L1R0MTRF
1.0 ± 20%
0.0495
0.041
4.9
5.7
3.2
3.9
NPIM32L1R5MTRF
1.5 ± 20%
0.074
0.063
4.5
5.1
2.6
3
NPIM32L2R2MTRF
2.2 ± 20%
0.11
0.091
3.5
4.1
2.2
2.4
NPIM32L3R3MTRF
3.3 ± 20%
0.15
0.125
2.6
3
1.8
2.1
NPIM32L4R7MTRF
4.7 ± 20%
0.205
0.17
2.1
2.5
1.35
1.55
NPIM32L6R8MTRF
6.8 ± 20%
0.29
0.24
1.85
2.2
1.1
1.3
NPIM32L100MTRF
10 ± 20%
0.345
0.29
1.45
1.7
1.05
1.25
NPIM32LR33MTRF
NPIM32LR47MTRF
NPIM32L1R0MTRF
NPIM32L1R5MTRF
NPIM32L2R2MTRF
NPIM32L3R3MTRF
NPIM32L4R7MTRF
NPIM32L6R8MTRF
NPIM32L100MTRF


Similar Part No. - NPIM32L1R0MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM32PA NIC-NPIM32PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM32PA100MTRQYF NIC-NPIM32PA100MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM32PA1R0MTRQYF NIC-NPIM32PA1R0MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM32PA1R5MTRQYF NIC-NPIM32PA1R5MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM32PA2R2MTRQYF NIC-NPIM32PA2R2MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM32L1R0MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com