Electronic Components Datasheet Search |
|
NPIM32PAR10YTRQYF Datasheet(PDF) 5 Page - NIC-Components Corp. |
|
NPIM32PAR10YTRQYF Datasheet(HTML) 5 Page - NIC-Components Corp. |
5 / 8 page 5 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® Specifications are subject to change Part Number STANDARD VALUES - CASE SIZE 145PA (13.5 X 12.5 X 5.7mm) Inductance Value (μH) Tolerance DC Resistance (mΩ) DC Current Isat (Amps) DC Current Irms (Amps) Test Frequency NPIM145PA1R0MTRQYF 1.0 ±20% 2.4 45.0 29.0 100KHz/1.0V NPIM145PA1R2MTRQYF 1.2 ±20% 2.8 44.0 28.0 100KHz/1.0V NPIM145PA1R5MTRQYF 1.5 ±20% 3.2 43.0 26.0 100KHz/1.0V NPIM145PA2R2MTRQYF 2.2 ±20% 4.7 34.0 21.0 100KHz/1.0V NPIM145PA3R3MTRQYF 3.3 ±20% 7.1 28.0 17.0 100KHz/1.0V NPIM145PA4R7MTRQYF 4.7 ±20% 11.5 25.0 16.0 100KHz/1.0V NPIM145PA5R6MTRQYF 5.6 ±20% 12.6 22.0 15.5 100KHz/1.0V NPIM145PA6R8MTRQYF 6.8 ±20% 13.8 19.0 15.0 100KHz/1.0V NPIM145PA8R2MTRQYF 8.2 ±20% 16.0 17.0 11.0 100KHz/1.0V NPIM145PA100MTRQYF 10 ±20% 20.7 15.5 11.0 100KHz/1.0V NPIM145PA120MTRQYF 12 ±20% 23.0 13.5 9.5 100KHz/1.0V NPIM145PA150MTRQYF 15 ±20% 29.0 13.0 9.0 100KHz/1.0V NPIM145PA180MTRQYF 18 ±20% 35.0 12.0 8.5 100KHz/1.0V NPIM145PA220MTRQYF 22 ±20% 39.5 11.0 8.0 100KHz/1.0V NPIM145PA270MTRQYF 27 ±20% 56.0 9.0 7.0 100KHz/1.0V NPIM145PA330MTRQYF 33 ±20% 75.0 8.0 6.0 100KHz/1.0V NPIM145PA470MTRQYF 47 ±20% 90.0 7.0 5.5 100KHz/1.0V NPIM145PA560MTRQYF 56 ±20% 118.0 6.5 5.3 100KHz/1.0V NPIM145PA680MTRQYF 68 ±20% 140.0 6.0 5.0 100KHz/1.0V NPIM145PA820MTRQYF 82 ±20% 161.0 5.5 4.5 100KHz/1.0V NPIM145PA101MTRQYF 100 ±20% 200.0 5.0 4.0 100KHz/1.0V NPIM145PA121MTRQYF 120 ±20% 235.0 4.5 3.5 100KHz/1.0V NPIM145PA151MTRQYF 150 ±20% 350.0 4.0 3.0 100KHz/1.0V NPIM145PA221MTRQYF 220 ±20% 550.0 3.0 2.0 100KHz/1.0V NPIM_PA Series NPIM Shielded Power Inductors Maximum +40°C temperature rise at Irms. Approximate -20% inductance change at Isat. |
Similar Part No. - NPIM32PAR10YTRQYF |
|
Similar Description - NPIM32PAR10YTRQYF |