Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM74PA Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIM74PA
Description  NPIM Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM74PA Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIM74PA Datasheet HTML 1Page - NIC-Components Corp. NPIM74PA Datasheet HTML 2Page - NIC-Components Corp. NPIM74PA Datasheet HTML 3Page - NIC-Components Corp. NPIM74PA Datasheet HTML 4Page - NIC-Components Corp. NPIM74PA Datasheet HTML 5Page - NIC-Components Corp. NPIM74PA Datasheet HTML 6Page - NIC-Components Corp. NPIM74PA Datasheet HTML 7Page - NIC-Components Corp. NPIM74PA Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
STANDARD VALUES - CASE SIZE 145PA (13.5 X 12.5 X 5.7mm)
Inductance Value
(μH)
Tolerance
DC Resistance
(mΩ)
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test
Frequency
NPIM145PA1R0MTRQYF
1.0
±20%
2.4
45.0
29.0
100KHz/1.0V
NPIM145PA1R2MTRQYF
1.2
±20%
2.8
44.0
28.0
100KHz/1.0V
NPIM145PA1R5MTRQYF
1.5
±20%
3.2
43.0
26.0
100KHz/1.0V
NPIM145PA2R2MTRQYF
2.2
±20%
4.7
34.0
21.0
100KHz/1.0V
NPIM145PA3R3MTRQYF
3.3
±20%
7.1
28.0
17.0
100KHz/1.0V
NPIM145PA4R7MTRQYF
4.7
±20%
11.5
25.0
16.0
100KHz/1.0V
NPIM145PA5R6MTRQYF
5.6
±20%
12.6
22.0
15.5
100KHz/1.0V
NPIM145PA6R8MTRQYF
6.8
±20%
13.8
19.0
15.0
100KHz/1.0V
NPIM145PA8R2MTRQYF
8.2
±20%
16.0
17.0
11.0
100KHz/1.0V
NPIM145PA100MTRQYF
10
±20%
20.7
15.5
11.0
100KHz/1.0V
NPIM145PA120MTRQYF
12
±20%
23.0
13.5
9.5
100KHz/1.0V
NPIM145PA150MTRQYF
15
±20%
29.0
13.0
9.0
100KHz/1.0V
NPIM145PA180MTRQYF
18
±20%
35.0
12.0
8.5
100KHz/1.0V
NPIM145PA220MTRQYF
22
±20%
39.5
11.0
8.0
100KHz/1.0V
NPIM145PA270MTRQYF
27
±20%
56.0
9.0
7.0
100KHz/1.0V
NPIM145PA330MTRQYF
33
±20%
75.0
8.0
6.0
100KHz/1.0V
NPIM145PA470MTRQYF
47
±20%
90.0
7.0
5.5
100KHz/1.0V
NPIM145PA560MTRQYF
56
±20%
118.0
6.5
5.3
100KHz/1.0V
NPIM145PA680MTRQYF
68
±20%
140.0
6.0
5.0
100KHz/1.0V
NPIM145PA820MTRQYF
82
±20%
161.0
5.5
4.5
100KHz/1.0V
NPIM145PA101MTRQYF
100
±20%
200.0
5.0
4.0
100KHz/1.0V
NPIM145PA121MTRQYF
120
±20%
235.0
4.5
3.5
100KHz/1.0V
NPIM145PA151MTRQYF
150
±20%
350.0
4.0
3.0
100KHz/1.0V
NPIM145PA221MTRQYF
220
±20%
550.0
3.0
2.0
100KHz/1.0V
NPIM_PA Series
NPIM Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Approximate -20% inductance change at Isat.


Similar Part No. - NPIM74PA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM74P NIC-NPIM74P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P100MTRF NIC-NPIM74P100MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P1R0MTRF NIC-NPIM74P1R0MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P1R5MTRF NIC-NPIM74P1R5MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM74P1R8MTRF NIC-NPIM74P1R8MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM74PA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com