Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM52P Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIM52P
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM52P Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NPIM52P Datasheet HTML 3Page - NIC-Components Corp. NPIM52P Datasheet HTML 4Page - NIC-Components Corp. NPIM52P Datasheet HTML 5Page - NIC-Components Corp. NPIM52P Datasheet HTML 6Page - NIC-Components Corp. NPIM52P Datasheet HTML 7Page - NIC-Components Corp. NPIM52P Datasheet HTML 8Page - NIC-Components Corp. NPIM52P Datasheet HTML 9Page - NIC-Components Corp. NPIM52P Datasheet HTML 10Page - NIC-Components Corp. NPIM52P Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE Size 71P (7 x 6.6 x 1.3)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM71PR22YTRF
0.22 ± 30%
4.3
5.2
14
22
100KHz
NPIM71PR33MTRF
0.33 ± 20%
6.6
7.6
11
18
NPIM71PR47MTRF
0.47 ± 20%
9.0
10.3
9.5
16
NPIM71PR68MTRF
0.68 ± 20%
13.8
15.2
7.5
15
NPIM71P1R0MTRF
1.00 ± 20%
23
25.8
6.5
12
NPIM71P1R2MTRF
1.20 ± 20%
29
34
5.6
10.5
NPIM71P1R5MTRF
1.50 ± 20%
37
42.5
5.0
9.5
NPIM71P2R2MTRF
2.20 ± 20%
48
55
4.5
6.5
NPIM71P3R3MTRF
3.30 ± 20%
62
74
4.2
6.0
NPIM71P4R7MTRF
4.70 ± 20%
96
111
3.8
5.0
NPIM71P5R6MTRF
5.60 ± 20%
115
138
3.0
4.5
NPIM71P6R8MTRF
6.80 ± 20%
128
148
2.6
3.5
NPIM71P8R2MTRF
8.20 ± 20%
153
184
2.4
3.2
NPIM71P100MTRF
10.0 ± 20%
180
216
2.3
2.8
Part Number
STANDARD VALUES - CASE Size 78P (7 x 6.6 x 1.6)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM78PR33MTRF
0.33 ± 20%
4.8
5.8
14.0
22.0
100KHz
NPIM78PR47MTRF
0.47 ± 20%
6.4
7.4
12.0
18.0
NPIM78PR68MTRF
0.68 ± 20%
9.5
11
10.0
17.0
NPIM78PR82MTRF
0.82 ± 20%
11.5
14
8.5
15.5
NPIM78P1R0MTRF
1.00 ± 20%
14.5
17
7.0
14.0
NPIM78P1R2MTRF
1.20 ± 20%
20
24
6.5
13.5
NPIM78P1R5MTRF
1.50 ± 20%
21
25.2
6.0
13.0
NPIM78P2R2MTRF
2.20 ± 20%
31
35
6.0
11.0
NPIM78P3R3MTRF
3.30 ± 20%
40
46
5.0
9.0
NPIM78P4R7MTRF
4.70 ± 20%
68
76
4.0
7.0
NPIM78P5R6MTRF
5.60 ± 20%
78
86
3.5
6.0
NPIM78P6R8MTRF
6.80 ± 20%
93
104
3.0
5.5
NPIM78P8R2MTRF
8.20 ± 20%
123
140
2.6
4.5
NPIM78P100MTRF
10.0 ± 20%
143
160
2.3
3.5
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
NPIM71P Size
NPIM78P Size
Contact NIC for
NPIM_P Performance Curves


Similar Part No. - NPIM52P

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM52P100MTRF NIC-NPIM52P100MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM52P1R0MTRF NIC-NPIM52P1R0MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM52P1R2MTRF NIC-NPIM52P1R2MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM52P1R5MTRF NIC-NPIM52P1R5MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM52P2R2MTRF NIC-NPIM52P2R2MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM52P

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com