Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96176 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96176
Description  RS-485/RS-422 Differential Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96176 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS96176 Datasheet HTML 2Page - National Semiconductor (TI) DS96176 Datasheet HTML 3Page - National Semiconductor (TI) DS96176 Datasheet HTML 4Page - National Semiconductor (TI) DS96176 Datasheet HTML 5Page - National Semiconductor (TI) DS96176 Datasheet HTML 6Page - National Semiconductor (TI) DS96176 Datasheet HTML 7Page - National Semiconductor (TI) DS96176 Datasheet HTML 8Page - National Semiconductor (TI) DS96176 Datasheet HTML 9Page - National Semiconductor (TI) DS96176 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Parameter Measurement Information (Continued)
Typical Application
DS009630-15
DS009630-16
DS009630-17
DS009630-18
DS009630-19
Note 11: The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, 50% duty cycle, tr ≤ 6.0 ns, ZO = 50Ω.
Note 12: CL includes probe and stray capacitance.
Note 13: DS96176 Driver enable is Active-High.
Note 14: All diodes are 1N916 or equivalent.
FIGURE 9. Receiver Enable and Disable Times
DS009630-20
Note: The line length should be terminated at both ends of its characteristic impedance.
Stub lengths off the main line should be kept as short as possible.
FIGURE 10.
www.national.com
6


Similar Part No. - DS96176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176 TI1-DS96176 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176CN TI1-DS96176CN Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176CN/NOPB TI1-DS96176CN/NOPB Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
More results

Similar Description - DS96176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
   RS-485/RS-422 Differential Bus Repeater
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com