Electronic Components Datasheet Search |
|
NPIM52BR47MTRF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NPIM52BR47MTRF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 14 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® SPECIFICATIONS SUBJECT TO CHANGE NPIM__B Series NPIM Shielded Power Inductors FEATURES • SHIELDED POWER INDUCTOR • MOLDED METAL COMPOSITE CONSTRUCTION • HIGH SATURATION CURRENT CHARACTERISTICS (~ 75A) • HIGH EFFICIENCY (2X IMPROVEMENT OVER FERRITE CORE INDUCTORS) • LOW PROFILE (1.2mm ~ 7.0mm) CHARACTERISTICS (42B ~ 74B) *See Part Number System for Details RoHS Compliant includes all homogeneous materials Case Code 75B 101B 103B 104B 105B 133B 135B 136B 187B Inductance Range (μH) 0.13 ~ 22 0.68 ~ 4.7 0.22 ~ 22 0.15 ~ 68 1.0 ~ 6.8 0.22 ~ 3.3 0.36 ~ 47 8.2 ~ 150 1.5 ~ 68 Ambient Operating Temperature Range -55°C ~ +85°C Maximum Component Temperature (Ambient + Self-Heating) +125°C Temperature Rise at Irms +40°C Inductance Change at Isat -30% Inductance Tolerance ±20% Resistance to Solder Heat 260°C ±5°C for 10 seconds Case Code 41B 42B 51B 52B 53B 72B 73B 74B Inductance Range (μH) 0.33 ~ 4.7 0.1 ~ 4.7 2.2 ~ 6.8 0.47 ~ 10 0.1 ~ 6.8 0.1 ~ 15 0.1 ~ 15 0.1 ~ 22 Ambient Operating Temperature Range -55°C ~ +85°C Maximum Component Temperature (Ambient + Self-Heating) +125°C Temperature Rise at Irms +40°C Inductance Change at Isat -30% Inductance Tolerance ±20% Resistance to Solder Heat 260°C ±5°C for 10 seconds CHARACTERISTICS (75B ~ 105B) NPIM 73B R47 M TR F RoHS Compliant TR = Tape & Reel Packaging Tolerance: M = 20% Inductance Value Code: First two characters are signficant figures, 3rd character is multiplier, "R" = decimal point Size Code Series PART NUMBER SYSTEM Expanded Value Range |
Similar Part No. - NPIM52BR47MTRF |
|
Similar Description - NPIM52BR47MTRF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |