Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIM20L4R7MTRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPIM20L4R7MTRF
Description  NPIM Shielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM20L4R7MTRF Datasheet(HTML) 9 Page - NIC-Components Corp.

  NPIM20L4R7MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM20L4R7MTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM Shielded Power Inductors
NPIM_L Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
NPIM26L
8.4 +0.2/-0.1
62.0 ± 1.5 13.5 ± 0.5 180 ± 3.0
NPIM20L
NPIM21L
NPIM31L
NPIM32L
NPIM40L
NPIM41L
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Ao
Bo
Ko
Co
W
Po
t
Quantity
NPIM26L
1.84 ± 0.1
2.25 ± 0.1
1.15 ± 0.1
3.5 ± 0.05
8.0 ± 0.1
4.0 ± 0.1
0.22 ± 0.05
3,000
NPIM20L
2.45 ± 0.1
3.1 ± 0.1
1.4 ± 0.1
3.5 ± 0.05
8.0 ± 0.1
4.0 ± 0.1
0.23±0.05
3,000
NPIM21L
NPIM31L
3.26 ± 0.1
3.4 ± 0.1
1.4 ± 0.1
3.5 ± 0.1
8.0 ± 0.3
4.0 ± 0.1
0.3 ± 0.05
2,000
NPIM32L
NPIM40L
4.3 ± 0.1
4.3 ± 0.1
1.6 ± 0.1
5.5 ± 0.1
12.0 ± 0.3
8.0 ± 0.1
0.3 ± 0.05
1,000
NPIM41L
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
t
B
C
D
A
REFLOW SOLDERING PROFILE
Soldering 255°C max.
5 seconds max.
Cool Down
Pre-heat
90 sec. ±30 sec.
25
50
100
150
200
250
300
Time above 230°C
30 sec. ±10 sec.
Time - Seconds
150°C - 180°C


Similar Part No. - NPIM20L4R7MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM101B NIC-NPIM101B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM20L4R7MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com