Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTF2016M122TR3F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NGTF2016M122TR3F
Description  Surface Mount Gas Discharge Tube
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGTF2016M122TR3F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NGTF2016M122TR3F Datasheet HTML 1Page - NIC-Components Corp. NGTF2016M122TR3F Datasheet HTML 2Page - NIC-Components Corp. NGTF2016M122TR3F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NGTF Series
Case Size
A
B
C
2016
3.0
4.95
5.5
A
B
C
LAND PATTERN DIMENSIONS (mm)
Surface Mount Gas Discharge Tube
150°C ~ 200°C
60 ~ 180 sec.
260°C
10 sec. max.
Ramp up
3°C/sec. max.
217°C
60 ~ 150 sec.
Ramp down
3°C/sec. max.
25°C to 260°C
8 minutes max.
200°C
REFLOW SOLDERING PROFILE
V max.
0.2V min.
Nominal rate
of rise
Nominal rate
of
rise
Limit
Limit
V
0
0 0.9T
1
T
1
1.1T
1
0.9T
2
T
2
1.1T
2
T
Spark-over Test Waveform (ITU-T K.12)


Similar Part No. - NGTF2016M122TR3F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGTA NIC-NGTA Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTA1812N151TR1F NIC-NGTA1812N151TR1F Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTA1812N201TR1F NIC-NGTA1812N201TR1F Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTA1812N301TR1F NIC-NGTA1812N301TR1F Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
NGTA1812N401TR1F NIC-NGTA1812N401TR1F Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
More results

Similar Description - NGTF2016M122TR3F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGTM NIC-NGTM Datasheet
341Kb / 3P
   Surface Mount Gas Discharge Tube
NGTC NIC-NGTC Datasheet
303Kb / 3P
   Surface Mount Gas Discharge Tube
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R1100A-5S SUNMATE-3R1100A-5S Datasheet
539Kb / 2P
   SURFACE MOUNT GAS DISCHARGE TUBE
logo
NIC-Components Corp.
NGTA NIC-NGTA Datasheet
295Kb / 3P
   Surface Mount Gas Discharge Tube
logo
Bourns Electronic Solut...
2054-23 BOURNS-2054-23 Datasheet
253Kb / 2P
   Surface Mount Gas Discharge Tube Surge Protector
logo
Shanghai Leiditech Elec...
SMD5050-090 LEIDITECH-SMD5050-090 Datasheet
3Mb / 4P
   Surface Mount 2-Electrode gas Discharge Tube
2R090-5S LEIDITECH-2R090-5S Datasheet
3Mb / 4P
   Surface Mount 2-Electrode gas Discharge Tube
logo
UN Semiconducctor INC
UN1812 UNSEMI-UN1812 Datasheet
2Mb / 5P
   Surface Single Gas Discharge Tube
Revision March 1,2022
UN1210 UNSEMI-UN1210 Datasheet
2Mb / 5P
   Surface Single Gas Discharge Tube
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com