Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI16W330MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI16W330MTRF
Description  NPI Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI16W330MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI16W330MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI16W330MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI16W330MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI16W330MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI16W330MTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
Case Size
TAPING DIMENSIONS (mm)
Ao
Bo
Co
Ko
W
Po
NPI16W
4.60
6.70
4.25
3.20
12.0
8.0
NPI31W
10.00 13.50 11.50
5.60
24.0
12.0
NPI34W
10.00 13.50 11.50
11.6
24.0
20.0
NPI52W
15.40 18.70 14.25
7.60
32.0
20.0
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
0.5mm ± 0.05
1.75mm
±0.1
Part Number
STANDARD VALUES - CASE SIZE 52 (15.0 x 18.4 x 7.0mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI52W470MTRF
47 ± 20%
9.0
0.086
2.6
4.5
100KHz
NPI52W680MTRF
68 ± 20%
6.5
0.13
2.3
3.5
NPI52W101MTRF
100 ± 20%
5.7
0.19
1.8
3.0
NPI52W151MTRF
150 ± 20%
4.5
0.25
1.5
2.6
NPI52W221MTRF
220 ± 20%
3.7
0.38
1.2
2.4
NPI52W331MTRF
330 ± 20%
3.0
0.56
1.0
1.9
NPI52W471MTRF
470 ± 20%
2.7
0.85
0.82
1.4
NPI52W681MTRF
680 ± 20%
2.2
1.10
0.72
1.2
NPI52W102MTRF
1000 ± 20%
2.0
1.80
0.56
1.0
NPI52W472MTRF
4700 ± 20%
-
7.50
0.25
0.35
Maximum +40°C temperature rise at Irms. Typcial -10% inductance change at Isat.


Similar Part No. - NPI16W330MTRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPI16W330MTRF ETC2-NPI16W330MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
NIC-Components Corp.
NPI16W330MTRF NIC-NPI16W330MTRF Datasheet
92Kb / 4P
   NPI Power Inductors
More results

Similar Description - NPI16W330MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com